Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC125L-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC125L-S14-R
Description  QUADRUPLE BUS BUFFER GATES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC125L-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC125L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC125L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC125L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC125L-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC125L-S14-R Datasheet HTML 5Page - Unisonic Technologies U74AHC125L-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74AHC125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-650.A
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IOH = -50 μA, VCC = 2V
1.9
2
IOH = -50 μA, VCC = 3V
2.9
3
IOH = -50 μA, VCC = 4.5V
4.4
4.5
IOH = -4 mA, VCC = 3V
2.58
High-Level Output Voltage
VOH
IOH = -8 mA, VCC = 4.5V
3.94
V
IOH = 50 μA, VCC = 2V
0.1
IOH = 50 μA, VCC = 3V
0.1
IOH = 50 μA, VCC = 4.5V
0.1
IOH = 4 mA, VCC = 3V
0.36
Low-Level Output Voltage
VOL
IOH = 8 mA, VCC = 4.5V
0.36
V
Input Leakage Current (A or OE Input)
II(LEAK)
VIN = 5.5V or GND, VCC = 0 to 5.5V
±0.1
μA
High-impedance State Current
IOZ
VOUT = VCC or GND, VCC = 5.5V
±0.25 μA
Quiescent Supply Current
ICC
VIN =VCC or GND, IOUT =0, VCC = 5.5V
4
μA
Input Capacitance
CIN
VIN = VCC or GND, VCC=5V
4
10
pF
SWITCHING CHARACTERISTICS
(VCC = 3.3V ± 0.3V, TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
CL=15pF, RL=1kΩ
5.6
8
tPLH
CL=50pF, RL=1kΩ
8.1
11.5
ns
CL=15pF, RL=1kΩ
5.6
8
Propagation Delay from Input A to
Output Y, tPD
tPHL
CL=50pF, RL=1kΩ
8.1
11.5
ns
CL=15pF, RL=1kΩ
5.4
8
tPZH
CL=50pF, RL=1kΩ
7.9
11.5
ns
CL=15pF, RL=1kΩ
5.4
8
Propagation Delay from Input OE to
Output Y, tEN
tPZL
CL=50pF, RL=1kΩ
7.9
11.5
ns
CL=15pF, RL=1kΩ
7
9.7
tPHZ
CL=50pF, RL=1kΩ
9.5
13.2
ns
CL=15pF, RL=1kΩ
7
9.7
Propagation Delay from Input OE to
Output Y, tDIS
tPLZ
CL=50pF, RL=1kΩ
9.5
13.2
ns
(VCC = 5V ± 0.5V, TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
CL=15pF, RL=1kΩ
3.8
5.5
tPLH
CL=50pF, RL=1kΩ
5.3
7.5
ns
CL=15pF, RL=1kΩ
3.8
5.5
Propagation Delay from Input A to
Output Y, tPD
tPHL
CL=50pF, RL=1kΩ
5.3
7.5
ns
CL=15pF, RL=1kΩ
3.6
5.1
tPZH
CL=50pF, RL=1kΩ
5.1
7.1
ns
CL=15pF, RL=1kΩ
3.6
5.1
Propagation Delay from Input OE to
Output Y, tEN
tPZL
CL=50pF, RL=1kΩ
5.1
7.1
ns
CL=15pF, RL=1kΩ
4.6
6.8
tPHZ
CL=50pF, RL=1kΩ
6.1
8.8
ns
CL=15pF, RL=1kΩ
4.6
6.8
Propagation Delay from Input OE to
Output Y, tDIS
tPLZ
CL=50pF, RL=1kΩ
6.1
8.8
ns
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Power Dissipation Capacitance
CPD
VCC = 5V, f=1MHz, No load
14
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com