Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDA Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMDA
Description  TVSarray Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMDA Datasheet(HTML) 1 Page - Micro Commercial Components

  SMDA Datasheet HTML 1Page - Micro Commercial Components SMDA Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STAND
OFF
VOLTAGE
VWM
VOLTS
BREAKDOW
N
VOLTAGE
VBR
@1 mA
VOLTS
CLAMPING
VOLTAGE
VC
@ 1 Amp
(FIGURE 2)
VOLTS
CLAMPING
VOLTAGE
VC
@5 Amp
(FIGURE2)
VOLTS
LEAKAGE
CURRENT
ID
@ VWM
µA
CAPACITANCE
(f=1 MHz)
@0V
C
pF
TEMPERATURE
COEFFICIENT
OF VBR
á
VBR
Mv/°C
PART
NUMBER
DEVICE
MARKING
MIN
MAX
MAX
MAX
TYP
MAX
SMDA03
SDK
3.3
4
7
9
200
800
-3
SMDA03C
SDL
3.3
4
7
9
200
400
-5
SMDB03
PDK
3.3
4
7
9
200
800
-3
SMDB03C
PDL
3.3
4
7
9
200
400
-5
SMDA05
SDA
5.0
6
9.8
11
20
600
3
SMDA05C
SDB
5.0
6
9.8
11
40
300
1
SMDB05
PDA
5.0
6
9.8
11
20
600
3
SMDB05C
PDB
5.0
6
9.8
11
40
300
1
SMDA12
SDC
12.0
13.3
19
24
1
185
10
SMDA12C
SDD
12.0
13.3
19
24
1
94
8
SMDB12
PDC
12.0
13.3
19
24
1
185
10
SMDB12C
PDD
12.0
13.3
19
24
1
94
8
SMDA15
SDE
15.0
16.7
24
30
1
140
13
SMDA15C
SDF
15.0
16.7
24
30
1
70
11
SMDB15
PDE
15.0
16.7
24
30
1
140
13
SMDB15C
PDF
15.0
16.7
24
30
1
70
11
SMDA24
SDG
24.0
26.7
43
55
1
90
30
SMDA24C
SDH
24.0
26.7
43
55
1
45
28
SMDB24
PDG
24.0
26.7
43
55
1
90
30
SMDB24C
PDH
24.0
26.7
43
55
1
45
28
DESCRIPTION (300 and 500 watt)
This 8 pin 4 line Unidirectional or Bidirectional array is designed for use in
applications where protection is required at the board level from voltage transients
caused by electrostatic discharge (ESD) as defined by IEC 1000-4-2, electrical fast
transients (EFT) per IEC 1000-4-4 and effects of secondary lighting.
These arrays are used to protect any combination of 4 lines. The SMDA/B product
provides board level protection from static electricity and other induced voltage
surges that can damage sensitive circuitry.
These TRANSIENT VOLTAGE SUPPRESSOR (TVS) Diode Arrays protect 3.0/3.3
Volt components such as DRAM’s, SRAM’s, CMOS, HCMOS, HSIC, and low
voltage interfaces up to 24Volts.
FEATURES
MECHANICAL
•
Protects 3.0/3.3 up through 24V Components
•
Molded SO-8 Surface Mount
•
Protects 4 lines Unidirectional or Bidirectional
•
Weight: 0.066 grams (approximate)
•
Provides electrically isolated protection
•
Body Marked with Logo, and device number
•
SO-8 Packaging
•
Pin #1 defined by DOT on top of package
MAXIMUM RATINGS
PACKAGING
•
Operating Temperatures: -55
0C to +1500C
•
Tape & Reel EIA Standard 481-1-A
•
Storage Temperature: -55
0C to +1500C
•
13 inch reel 2,500 pieces (OPTIONAL)
•
SMDA Peak Pulse Power: 300 Watts (8/20
µsec, Figure 1)
•
Carrier tubes 95 pcs per (STANDARD)
•
SMDB Peak Pulse Power: 500 Watts (8/20
µsec, Figure 1)
•
Pulse Repetition Rate: <.01%
ELECTRICAL CHARACTERISTICS PER LINE @ 25
0C Unless otherwise specified
Part numbers with a “C” suffix are bidirectional devices
SMDA/B03
THRU
SMDA/B24C
TVSarray
™
™ Series
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - SMDA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMDA03 MICROSEMI-SMDA03 Datasheet
103Kb / 2P
TVSarray Series
logo
Protek Devices
SMDA03 PROTEC-SMDA03 Datasheet
84Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
logo
SeCoS Halbleitertechnol...
SMDA03 SECOS-SMDA03 Datasheet
172Kb / 2P
Transient Voltage Suppressors
logo
Protek Devices
SMDA03 PROTEC-SMDA03 Datasheet
510Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDA03 PROTEC-SMDA03 Datasheet
512Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
More results

Similar Description - SMDA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM16LC03 MICROSEMI-SM16LC03 Datasheet
103Kb / 2P
TVSarray Series
SMDA03-6 MICROSEMI-SMDA03-6 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-4-2 MICROSEMI-SMDA03C-4-2 Datasheet
104Kb / 2P
TVSarray Series
SMDA03C-4 MICROSEMI-SMDA03C-4 Datasheet
103Kb / 2P
TVSarray Series
SMDA03C-7 MICROSEMI-SMDA03C-7 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-8 MICROSEMI-SMDA03C-8 Datasheet
227Kb / 2P
TVSarray Series
SMP6LC50 MICROSEMI-SMP6LC50 Datasheet
85Kb / 2P
TVSarray Series
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
TVSarray Series
USB50803C MICROSEMI-USB50803C Datasheet
91Kb / 2P
TVSarray Series
USB6B1 MICROSEMI-USB6B1 Datasheet
69Kb / 2P
TVSarray Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com