Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9011AIRMMZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9011AIRMMZ
Description  Dual LDO with Low Noise, Low IQ and High PSRR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9011AIRMMZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9011AIRMMZ Datasheet HTML 1Page - Intersil Corporation ISL9011AIRMMZ Datasheet HTML 2Page - Intersil Corporation ISL9011AIRMMZ Datasheet HTML 3Page - Intersil Corporation ISL9011AIRMMZ Datasheet HTML 4Page - Intersil Corporation ISL9011AIRMMZ Datasheet HTML 5Page - Intersil Corporation ISL9011AIRMMZ Datasheet HTML 6Page - Intersil Corporation ISL9011AIRMMZ Datasheet HTML 7Page - Intersil Corporation ISL9011AIRMMZ Datasheet HTML 8Page - Intersil Corporation ISL9011AIRMMZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6437.2
September 1, 2015
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VO1 VOLTAGE
(V)
VO2 VOLTAGE
(V)
TEMP
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL9011AIRNNZ
DGPA
3.3
3.3
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRNJZ
DGNA
3.3
2.8
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRNFZ
DGMA
3.3
2.5
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRNCZ (No longer available,
recommended replacement: ISL9011AIRMNZ-T)
DGLA
3.3
1.8
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRMNZ
DGKA
3.0
3.3
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRMMZ (No longer available,
recommended replacement: ISL9011AIRMGZ-T)
DGJA
3.0
3.0
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRMGZ
DGHA
3.0
2.7
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRKNZ (No longer available,
recommended replacement: ISL9011AIRKKZ-T)
DGEA
2.85
3.3
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRKKZ
DGDA
2.85
2.85
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRKJZ
DGCA
2.85
2.8
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRKFZ
DGBA
2.85
2.5
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRKPZ (No longer available,
recommended replacement: ISL9011AIRKKZ-T)
DGFA
2.85
1.85
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRKCZ
DFYA
2.85
1.8
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRJNZ
DFVA
2.8
3.3
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRJMZ (No longer available,
recommended replacement: ISL9011AIRJNZ-T)
DFTA
2.8
3.0
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRJRZ (No longer available,
recommended replacement: ISL9011AIRJNZ-T)
DWFA
2.8
2.6
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRJCZ (No longer available,
recommended replacement: ISL9011AIRJBZ-T)
DFSA
2.8
1.8
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRJBZ
DFRA
2.8
1.5
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRFJZ
DFMA
2.5
2.8
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRFDZ
DFLA
2.5
2.0
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRFCZ
DFKA
2.5
1.8
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRCJZ
DFJA
1.8
2.8
-40 to +85
10 Ld 3x3 DFN L10.3x3C
ISL9011AIRCCZ
DFHA
1.8
1.8
-40 to +85
10 Ld 3x3 DFN L10.3x3C
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. For availability and lead time of devices with voltage combinations not listed in the table, contact Intersil Marketing.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte
tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
ISL9011A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com