Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9014AIRBCZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9014AIRBCZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9014AIRBCZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9014AIRBCZ Datasheet HTML 1Page - Intersil Corporation ISL9014AIRBCZ Datasheet HTML 2Page - Intersil Corporation ISL9014AIRBCZ Datasheet HTML 3Page - Intersil Corporation ISL9014AIRBCZ Datasheet HTML 4Page - Intersil Corporation ISL9014AIRBCZ Datasheet HTML 5Page - Intersil Corporation ISL9014AIRBCZ Datasheet HTML 6Page - Intersil Corporation ISL9014AIRBCZ Datasheet HTML 7Page - Intersil Corporation ISL9014AIRBCZ Datasheet HTML 8Page - Intersil Corporation ISL9014AIRBCZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6438.1
March 11, 2008
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
VO1 VOLTAGE
VO2 VOLTAGE
TEMP RANGE (°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL9014AIRNNZ
DKNA
3.3V
3.3V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRNJZ
DKMA
3.3V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRNFZ
DKLA
3.3V
2.5V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRNCZ
DKKA
3.3V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRMNZ
DKJA
3.0V
3.3V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRMMZ
DKHA
3.0V
3.0V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRMGZ
DKGA
3.0V
2.7V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRLLZ
DKFA
2.9V
2.9V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRKNZ
DKDA
2.85V
3.3V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRKKZ
DKCA
2.85V
2.85V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRKJZ
DKBA
2.85V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRKFZ
DJYA
2.85V
2.5V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRKPZ
DKEA
2.85V
1.85V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRKCZ
DJWA
2.85V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRJNZ
DJTA
2.8V
3.3V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRJMZ
DJSA
2.8V
3.0V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRJRZ
DJVA
2.8V
2.6V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRJCZ
DJRA
2.8V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRJBZ
DJPA
2.8V
1.5V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRGPZ
DJNA
2.7V
1.85V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRGCZ
DJMA
2.7V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRFJZ
DJLA
2.5V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRFDZ
DJKA
2.5V
2.0V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRFCZ
DJJA
2.5V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRPLZ
DKPA
1.85V
2.9V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRPPZ
DKRA
1.85V
1.85V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRCJZ
DJHA
1.8V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRCCZ
DJGA
1.8V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRBLZ
DJFA
1.5V
2.9V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRBJZ
DJEA
1.5V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRBCZ
DJDA
1.5V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014AIRBBZ
DJCA
1.5V
1.5V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. For availability and lead time of devices with voltage combinations not listed in the table, contact Intersil Marketing.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte
tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
ISL9014A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com