Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS35 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SS35
Description  3 Amp Schottky Rectifier 20 to 60 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS35 Datasheet(HTML) 2 Page - Micro Commercial Components

  SS35 Datasheet HTML 1Page - Micro Commercial Components SS35 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50
60
70
80
90
100
110
120
130
140
150
160
0
1.0
2.0
3.0
1
10
100
0
20
40
60
80
100
0
20
40
60
80
100
0.001
0.01
0.1
1
10
20
0.1
1
10
100
10
100
1,000
0
0.4
0.8
1.2
0.01
0.1
1
10.0
30.0
0.2
0.6
1.0
1.4
1.6
0.01
0.1
1
10.0
100
0.1
1
10.0
100
FIG. 1 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE,
°C
NUMBER OF CYCLES AT 60HZ
FIG. 4- TYPICAL REVERSE CURRENT
CHARACTERISTICS
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
REVERSE VOLTAGE, VOLTS
t, PULSE DURATION, sec.
P.C.B. MOUNTED on
0.55 x 0.55” (14 x 14mm)
COPPER PAD AREAS
RESISTIVE OR INDUCTIVE LOAD
AT RATED TL
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
SS32 - SS34
SS35 & SS36
TJ=25
°C
f=1.0 MHz
Vsig=50mVp-p
TJ=25
°C
TJ=125
°C
TJ=150
°C
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
PULSE WIDTH=300
µs
1% DUTY CYCLE
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
TA=125°C
TA=75°C
TA=25°C
SS32 - SS34
SS35 & SS36
SS32 - SS34
SS35 & SS36
SS32 - SS34
SS35 & SS36
MCC
www.mccsemi.com
SS32 thru SS36



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com