Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53513 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53513
Description  NON-LATCHING, ISOLATED OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53513 Datasheet(HTML) 2 Page - Micropac Industries

  53513 Datasheet HTML 1Page - Micropac Industries 53513 Datasheet HTML 2Page - Micropac Industries 53513 Datasheet HTML 3Page - Micropac Industries 53513 Datasheet HTML 4Page - Micropac Industries 53513 Datasheet HTML 5Page - Micropac Industries 53513 Datasheet HTML 6Page - Micropac Industries 53513 Datasheet HTML 7Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
53513
NON-Latching, Isolated Output Solid State Power Controllers
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
10-24-2008
Rev B
Pg. 2 of 7
ELECTRICAL CHARACTERISTICS
TC = -55 to 125° C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input characteristics
CMOS configurations (Figure 1)
Bias supply range, VDD
4.5
5.0
5.5
VDC
Bias current
25
30
mA
Input current
VDD = 5 VDC
500
A
Control voltage range
-0.5
5.5
VDC
Turn-on voltage
2.8
3.9
VDC
Turn-off voltage
0.5
2.0
VDC
Dielectric strength
60 Hz / Input /output / Power Bus/ Case
500
V RMS
Output characteristics
Output current, sustaining:
Steady state load Current
120
160
%
Load Start current (not adjusted)
Current factor above sustaining
0 to 100ms
500
900
%
Trip Current adjustment range:
0 to 100ms
100
50
% of Initial
Continuous blocking voltage
Output device Rating
95
VDC
On-state resistance, Rds
25ºC Case (Table 1)
Ohms
On-state resistance, Rds
125ºC Case (Table 1)
Ohms
Turn-on time @ 25ºC case
Figure 2
0.5
1.0
3.0
mS
Turn-off time @ 25ºC case
Figure 2
0.5
1.0
3.0
mS
Off-state leakage
At 95 VDC
100
300
A
Output Capacitance
3,000
pF
Status Output Specification
Trip Reset Time
Remove overload & Cycle input
50
mS
Status Supply Voltage (open Collector)
32
VDC
Status off leakage current
VS = 15 VDC
4
µADC
Status on voltage
ISTATUS = 5 MA @ 25ºC
0.4
VDC
High-To-Low Transition Time
ISTATUS = 5 MA
20
50
µS
Junction temperature
150
ºC
Thermal resistance,
JA
JC
30
5
ºC/W
ºC/W
APPLICATION NOTES:
1.
Maximum input switching frequency not to exceed 20 Hz under normal conditions, or into a shorted output.
2.
Input transitions should be “bounceless contact” with transitions of <1 ms.
3.
Inductive loads must be suppressed.
5A Rated
10A Rated
15A Rated
30 / 40 m
18 / 25 m
14 / 22 m
TABLE 1
25ºC / 125ºC Rds On Versus Current Rating.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com