Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62035 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62035
Description  JAN AND JANTX QUALIFIED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62035 Datasheet(HTML) 2 Page - Micropac Industries

  62035 Datasheet HTML 1Page - Micropac Industries 62035 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E.Walnut St., Garland, TX 75040  (972)272-3571  Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62035
1N6092
JAN AND JANTX QUALIFIED, HERMETIC LED INDICATORS
1N6093
1N6094
04/27/2012
ELECTRICAL/OPTICAL CHARACTERISTICS
TA=25°C
PART
NUMBER
COLOR
TEST
CONDITION
PARAMETER LIMITS
IF
PEAK
IV1 = 0°
IV2  = 30°
VF
C
mA
TYP.
MIN.
MIN.
MAX.
MAX.
62035-1XX
RED
20
635
3 mcd
1.5 mcd.
3 V
100 pF
62035-2XX
YELLOW
20
585
3 mcd
1.5 mcd.
3 V
100 pF
62035-3XX
GREEN
20
570
3 mcd
1.5 mcd.
3 V
100 pF
Relative Luminous Intensity
Relative Luminous Intensity
vs
vs.
Forward Current
Angular Displacement
(Normalized at 20 mA)
51 0
1 5
2 0
3 0
25
0. 0 0
0. 2 5
0. 5 0
0. 7 5
1. 0 0
1. 2 5
1. 5 0
1. 7 5
2. 0 0
020
40
80
60
100
0
10
30
50
70
90
0.25
0.5
0
0.7
5
1.0
1.25
90
80
70
60
50
40
30
20
10
0
IF - Forward Current – mA
Angular Displacement
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward
IF
20
35
mA
Operating Temperature
TA
-65
+100
C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
CONTROLLING MIL DOCUMENT
62035-101
Commercial, Red LED, TO-46
1N6092
62035-102
JAN Screened, Red LED, TO-46
JAN1N6092
62035-103
JANTX Screened, Red LED, TO-46
JANTX1N6092
62035-201
Commercial, Yellow LED, TO-46
1N6093
62035-202
JAN Screened, Yellow LED, TO-46
JAN1N6093
62035-203
JANTX Screened, Yellow LED, TO-46
JANTX1N6093
62035-301
Commercial, Green LED, TO-46
1N6094
62035-302
JAN Screened, Green LED, TO-46
JAN1N6094
62035-303
JANTX Screened, Green LED, TO-46
JANTX1N6094



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com