Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPR05 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # UPR05
Description  2.5 Amp Super Fast Recovery Silicon Rectifier 50 to 200 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UPR05 Datasheet(HTML) 2 Page - Micro Commercial Components

  UPR05 Datasheet HTML 1Page - Micro Commercial Components UPR05 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UPR05 thru UPR20
MCC
www.mccsemi.com
Average Forward Rectified Current - Amperes versus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
.5
1.0
1.5
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
2.0
2.5
3.0
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.4
.6
.8
1.0
12
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
1
100
4
0
5
10
15
8
Figure 3
Maximum Non-Repetitive Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
20
25
30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com