Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W005G Datasheet(PDF) 1 Page - Micro Commercial Components

Part # W005G
Description  1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

W005G Datasheet(HTML) 1 Page - Micro Commercial Components

  W005G Datasheet HTML 1Page - Micro Commercial Components W005G Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
W005G
THRU
W10G
1.5Amp Glass
Passivated Bridge
Rectifier
50 to 1000 Volts
Features
•
High Current Capability
•
Ideal for printed circuit boards
•
High Temperature Soldering: 260
oC for 10 seconds
•
Reliable low cost construction technique results in inexpensive
products
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
For capacitive load. Derate current by 20%
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
W005G
50V
35V
50V
W01G
100V
70V
100V
W02G
200V
140V
200V
W04G
400V
280V
400V
W06G
600V
420V
600V
W08G
800V
560V
800V
W10G
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.5 A
TC = 50
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.10V
IFM = 1.0A;
TC = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
500uA
TC = 25
°C
TC = 125
°C
www.mccsemi.com
E
E
AC
AC
+
-
A
B
C
D
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
----
.358
------
9.10
B
----
.225
------
5.70
C
1.000
---
25.40
---
D
1.200
---
30.50
---
E
.180
.220
4.60
5.60
WOM
F
F
.030
.032
0.76
0.81
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - W005G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
W005G PANJIT-W005G Datasheet
49Kb / 2P
1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Won-Top Electronics
W005G WTE-W005G Datasheet
52Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Fairchild Semiconductor
W005G FAIRCHILD-W005G Datasheet
163Kb / 3P
1.5 Ampere Glass Passivated Bridge Rectifiers
logo
Shanghai Lunsure Electr...
W005G CHENYI-W005G Datasheet
193Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
W005G DIODES-W005G Datasheet
52Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
More results

Similar Description - W005G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR151GP CHENYI-FR151GP Datasheet
64Kb / 3P
1.5Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 volts
logo
Daya Electric Group Co....
W005 DAYA-W005 Datasheet
94Kb / 2P
1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
2KBP005 MCC-2KBP005 Datasheet
279Kb / 3P
2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ10005 MCC-GBJ10005_11 Datasheet
213Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJL10005 MCC-GBJL10005 Datasheet
257Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJL20005 MCC-GBJL20005 Datasheet
331Kb / 3P
20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJL25005 MCC-GBJL25005 Datasheet
342Kb / 3P
25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005_13 Datasheet
208Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
W005G MCC-W005G_07 Datasheet
168Kb / 3P
1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com