Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5.0C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SA5.0C
Description  500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SA5.0C Datasheet(HTML) 1 Page - Micro Commercial Components

  SA5.0C Datasheet HTML 1Page - Micro Commercial Components SA5.0C Datasheet HTML 2Page - Micro Commercial Components SA5.0C Datasheet HTML 3Page - Micro Commercial Components SA5.0C Datasheet HTML 4Page - Micro Commercial Components SA5.0C Datasheet HTML 5Page - Micro Commercial Components SA5.0C Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DO-15
MIN
MAX
MIN
MAX
A
0.230
0.300
5.80
7.60
B
0.104
0.140
2.60
3.60
C
0.026
0.034
0.7 1
0. 86
D
1.000
-----
25.40
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
Features
l
Glass passivated chip
l
Low leakage
l
Uni and Bidirectional unit
l
Excellent clamping capability
l
the plastic material has U/L recognition 94V-O
l
Fast response time
MECHANICAL DATA
Case: Molded Plastic
Marking: Unidirectional-type number and cathode band
Bidirectional-type number only
Weight: 0.4 grams
Maximum Ratings
l
Operating Temperature: -65
oC to +175oC
l
Storage Temperature: -65
oC to +175oC
l
For capacitive load, derate current by 20%
Electrical Characteristics @ 25oC Unless Otherwise Specified
SA5.0(C)(A)
THRU
SA170(C)(A)
500WATTS TRANSIENT
VOLTAGE SUPPRESSOR
5.0 TO 170 VOLTS
Peak Power
P PK
500W
TA
Current
IFSM
70A
8.3ms, half sine
Dissipation
P M(AV)
1.0W
TJ=75
oC
A
B
C
D
D
Cathode
Mark
Dissipation
Steady State Power
=25
oC
Peak Forward Surge
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com


Similar Part No. - SA5.0C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA5.0C PANJIT-SA5.0C Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA5.0C WTE-SA5.0C Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
SA5.0C WTE-SA5.0C Datasheet
82Kb / 6P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA5.0C PANJIT-SA5.0C Datasheet
110Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
SA5.0C DAESAN-SA5.0C Datasheet
1Mb / 6P
POWER 500Watts VOLTAGE 5.0 to 170 Volts
More results

Similar Description - SA5.0C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
logo
DAESAN ELECTRONIC CORP.
SA5.0 DAESAN-SA5.0 Datasheet
1Mb / 6P
POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Micro Commercial Compon...
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
P5KE5.0 MCC-P5KE5.0_11 Datasheet
393Kb / 8P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com