Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AC32G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AC32G-P14-R
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AC32G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AC32G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74AC32G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74AC32G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74AC32G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74AC32G-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AC32
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-988.B
QUADRUPLE 2-INPUT
POSITIVE-OR GATE
DESCRIPTION
The U74AC32 is a quad 2-input positive-OR gate. The device
performs the Boolean function Y=A+B or YA B
 
in positive
logic.
FEATURES
* Operation Voltage Range: 2~6V
* Inputs Accept Voltages to 6V
* Max tpd of 7.5 ns at 5V
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AC32G-S14-R
SOP-14
Tape Reel
U74AC32G-P14-R
TSSOP-14
Tape Reel
MARKING
SOP-14
TSSOP-14
U T C
U74A C32G
2 3 4 5 67
1
9
10
11
12
13
14
Date Code
Lot Code
8


Similar Part No. - U74AC32G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AC32G-S14-R UTC-U74AC32G-S14-R Datasheet
169Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results

Similar Description - U74AC32G-P14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11032 TI-74AC11032 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
REVISED APRIL 1996
SN74ALVC32 TI-SN74ALVC32 Datasheet
248Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AUC32 TI-SN74AUC32 Datasheet
403Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32_07 Datasheet
404Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-EP TI1-SN74LV32A-EP Datasheet
519Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LVC32A-EP TI1-SN74LVC32A-EP Datasheet
559Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-Q1 TI1-SN74LV32A-Q1 Datasheet
202Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AC32-EP TI1-SN74AC32-EP Datasheet
274Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHC32-EP TI1-SN74AHC32-EP Datasheet
433Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHCT32-Q1 TI1-SN74AHCT32-Q1 Datasheet
262Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com