Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC20G-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC20G-S14-R
Description  DUAL 4-INPUT NAND GATES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC20G-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC20G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC20G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC20G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC20G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
U74AHC2G125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-A57.B
SWITCHING CHARACTERISTICS (tr = tf ≤3ns, TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
CL=15pF
4.7
8.0
ns
VCC=3~3.6V
CL=50pF
6.6
11.5
ns
CL=15pF
3.4
5.5
ns
Propagation delay from input
(nA) to output (nY)
tPLH / tPHL
VCC=4.5~5.5V
CL=50pF
4.8
7.5
ns
CL=15pF
5.0
8.0
ns
VCC=3~3.6V
CL=50pF
6.9
11.5
ns
CL=15pF
3.6
5.1
ns
Enable time from nOE to nY
tPZL / tPZH
VCC=4.5~5.5V
CL=50pF
4.9
7.5
ns
CL=15pF
6.0
9.7
ns
VCC=3~3.6V
CL=50pF
8.3
13.2
ns
CL=15pF
4.1
6.8
ns
Disable time from nOE to nY
tPLZ / tPHZ
VCC=4.5~5.5V
CL=50pF
5.7
8.8
ns
CAPACITIVE CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input Capacitance
CI
1.5
10
pF
Power Dissipation Capacitance
CPD
per buffer; CL=50pF; fi=1MHz;
VI=GND to VCC
9
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com