Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLJ40 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMLJ40
Description  Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMLJ40 Datasheet(HTML) 2 Page - Micro Commercial Components

  SMLJ40 Datasheet HTML 1Page - Micro Commercial Components SMLJ40 Datasheet HTML 2Page - Micro Commercial Components SMLJ40 Datasheet HTML 3Page - Micro Commercial Components SMLJ40 Datasheet HTML 4Page - Micro Commercial Components SMLJ40 Datasheet HTML 5Page - Micro Commercial Components SMLJ40 Datasheet HTML 6Page - Micro Commercial Components SMLJ40 Datasheet HTML 7Page - Micro Commercial Components SMLJ40 Datasheet HTML 8Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MCC
www.mccsemi.com
1.0
10
100
0.1
1.0ms
0.1ms
10us
1.0us
0.1us
100us
Fig. 1-PEAL PULSE POWER VS PULSE.TIME
td, PULSE WIDTH, SEC
Non-Repetitive
Pulse Waveform
Shown in Figure 3
TA=25
OC
50
75
100
0
150
125
50
25
0
100
25
75
175 200
Fig. 2-PULSE RATING CURVE
TA, AMBIENT TEMPERATURE
50
100
150
0
3.0
1.0
0
2.0
4.0
Fig. 3-PULSE WAVEFORM
Tr, TIME, ms
TA=25
OC
Pulse Width (td) is Defined
As the Point Where the Peak
Current Decays to 50% of IPP
tf=10usec
Peak Value
IPPm
Half Value-1/2Ipp
10/1000usec Waveform
as Defined by R.E.A
Fig. 4-TYPICAL CAPACITANCE VS STAND-OFF
VOLTAGE
100
1000
10
4
10
200
100
20
10
5.0
50
500
V (BR), BREAKDOWN VOLTAGE, VOLTS
TJ=25
OC
F=1.0MHZ
Vsig=50mVP_P
Measured at
Zero Bias
Measured at
Stand-Off
Voltage (VMW)
50
100
200
10
50
5
1
10
100
NUMBER OF CYCLES AT 60HZ
TJ=TJ max
8.3ms Single Half Since-Wave
Vsig=50mVP_P
UNIDIRECTIONAL ONLY
Fig-5MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CUTTENT
SMLJ5.0 thru SMLJ170CA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com