Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC245G-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC245G-P20-R
Description  OCTAL BUS TRANSCEIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC245G-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC245G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74AHC245G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74AHC245G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74AHC245G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74AHC245G-P20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC245
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-987.B
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
DESCRIPTION
The U74AHC245 octal bus transceivers is designed for
asynchronous two-way communication between data buses. The
control-function
implementation
minimizes
external
timing
requirements.
The device allows data transmission from the A bus to the B
bus or from the B bus to the A bus, depending on the logic level at
the direction-control (DIR) input. The output-enable ( OE ) input can
be used to disable the device so that the buses are effectively
isolated.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pullup resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
FEATURES
* Operating range 2V to 5.5V VCC
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AHC245G-P20-R
TSSOP-20
Tape Reel
U74AHC245G-R20-R
SSOP-20
Tape Reel
U74AHC245G-S20-R
SOP-20
Tape Reel
MARKING


Similar Part No. - U74AHC245G-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC245G-R20-R UTC-U74AHC245G-R20-R Datasheet
211Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
U74AHC245G-R20-T UTC-U74AHC245G-R20-T Datasheet
211Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - U74AHC245G-P20-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
OCTAL BUS TRANSCEIVERS
SN74ALS620A TI-SN74ALS620A Datasheet
390Kb / 15P
OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
Octal Bus Transceivers
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
OCTAL BUS TRANSCEIVERS
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
OCTAL BUS TRANSCEIVERS
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com