Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC377G-R20-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74AHC377G-R20-T
Description  OCTAL D-TYPE FLIP-FLOPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC377G-R20-T Datasheet(HTML) 6 Page - Unisonic Technologies

  U74AHC377G-R20-T Datasheet HTML 1Page - Unisonic Technologies U74AHC377G-R20-T Datasheet HTML 2Page - Unisonic Technologies U74AHC377G-R20-T Datasheet HTML 3Page - Unisonic Technologies U74AHC377G-R20-T Datasheet HTML 4Page - Unisonic Technologies U74AHC377G-R20-T Datasheet HTML 5Page - Unisonic Technologies U74AHC377G-R20-T Datasheet HTML 6Page - Unisonic Technologies U74AHC377G-R20-T Datasheet HTML 7Page - Unisonic Technologies U74AHC377G-R20-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
U74AHC377
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-A48.B
DYNAMIC CHARACTERISTICS (tr = tf ≤3ns, ground=0V, TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNIT
VCC=3V to 3.6V, CL=15pF
80
125
VCC=3V to 3.6V, CL=50pF
50
75
VCC=4.5V to 5.5V, CL=15pF
125
175
maximum frequency
fMAX
VCC =4.5V to 5.5V, CL=50pF
85
120
ns
VCC=3V to 3.6V, CL=15pF
5.6
12.8
VCC=3V to 3.6V, CL=50pF
8
16
VCC=4.5V to 5.5V, CL=15pF
3.9
9
propagation delay, From CP to Qn
tPD
VCC=4.5V to 5.5V, CL=50pF
5.6
10.5
ns
VCC=3V to 3.6V
5
pulse width CP, From HIGH or LOW
tW
VCC=4.5V to 5.5V
5
ns
VCC=3V to 3.6V
5
set-up time Dn, From EN to CP
tSU
VCC=4.5V to 5.5V
4.5
ns
VCC=3V to 3.6V
1.5
hold time Dn, From EN to CP
tH
VCC=4.5V to 5.5V
2
ns
OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Power Dissipation Capacitance
CPD
f=1MHz; VI=GND to VCC
20
pF
Note: tPLH and tPHL are the same as tPD.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com