Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AUP1G00G-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AUP1G00G-AE5-R
Description  SINGLE 2-INPUT NAND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1G00G-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AUP1G00G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1G00G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1G00G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1G00G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1G00G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AUP1G00
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R126-019.B
SINGLE 2-INPUT NAND GATE
DESCRIPTION
The U74AUP1G00 is a 2-input NAND gate which provides the
Function
Y=A B
 or
Y=A B in positive logic.
This device ensures a very low static and dynamic power
consumption across the entire VCC range from 0.8V to 3.6V.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Wide supply voltage range from 0.8V to 3.6V
* Inputs accept voltages up to 3.6V
* IOFF supports partial-power-down mode
* Low static power consumption; ICC=0.5μA (Max.)
* Optimized for 3.3V Operation
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AUP1G00G-AE5-R
SOT-23-5
Tape Reel
U74AUP1G00G-AL5-R
SOT-353
Tape Reel
U74AUP1G00G-K06-1010-R
DFN-6(1.0×1.0)
Tape Reel
MARKING
SOT-23-5 / SOT-353
DFN-6(1.0×1.0)
P0


Similar Part No. - U74AUP1G00G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AUP1G02G-AE5-R UTC-U74AUP1G02G-AE5-R Datasheet
227Kb / 5P
SINGLE 2-INPUT NOR GATE
U74AUP1G02G-AL5-R UTC-U74AUP1G02G-AL5-R Datasheet
227Kb / 5P
SINGLE 2-INPUT NOR GATE
U74AUP1G02G-K06-1010-R UTC-U74AUP1G02G-K06-1010-R Datasheet
227Kb / 5P
SINGLE 2-INPUT NOR GATE
U74AUP1G02 UTC-U74AUP1G02_15 Datasheet
227Kb / 5P
SINGLE 2-INPUT NOR GATE
U74AUP1G04G-AE5-R UTC-U74AUP1G04G-AE5-R Datasheet
207Kb / 5P
Low static power consumption
More results

Similar Description - U74AUP1G00G-AE5-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
Single 2-input NAND gate
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
STMicroelectronics
74V1T00 STMICROELECTRONICS-74V1T00_04 Datasheet
108Kb / 9P
SINGLE 2-INPUT NAND GATE
Apr-2004
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
Single 2-Input NAND Gate
April, 2008 ??Rev. 0
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
Single 2-input NAND gate
Rev. 13 - 8 February 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com