Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AUP1G06G-AE5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AUP1G06G-AE5-R
Description  LOW-POWER SINGLE INVERTER BUFFER/DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1G06G-AE5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AUP1G06G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1G06G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1G06G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1G06G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1G06G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74AUP1G07
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-928.D
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~+4.6
V
Input Voltage
VIN
-0.5 ~+4.6
V
Output in the high or low state
-0.5 ~ VCC +0.5
V
Output Voltage
VOUT
Output in the power-off state
-0.5 ~ +4.6
V
Continuous VCC or GND
Current
ICC
±50
mA
Continuous Output Current
IOUT
VOUT=0 ~ VCC
±20
mA
Input Clamp Current
IIK
VIN<0
-50
mA
Output Clamp Current
IOK
VOUT >VCC or VOUT<0
-50
mA
Storage Temperature Range
TSTG
-65 ~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
0.8
3.6
V
Input Voltage
VIN
0
3.6
V
Output Voltage
VOUT
High or low state
0
VCC
V
Operating Temperature
TA
-40
85
°C
Input Transition Rise or Fall
Rate
∆t/∆v
VCC=0.8V ~ 3.6V
200
ns/V
STATIC CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC =0.8V
0.7×VCC
V
VCC =0.9V ~ 1.95V
0.65×VCC
V
VCC =2.3V ~ 2.7V
1.6
V
HIGH-level Input Voltage
VIH
VCC =3V ~ 3.6V
2.0
V
VCC =0.8V
0.3×VCC
V
VCC =0.9V ~ 1.95V
0.35×VCC
V
VCC =2.3V ~ 2.7V
0.7
V
LOW-level Input Voltage
VIL
VCC =3V to 3.6V
0.9
V
VCC =0.8V ~ 3.6V, IOH=20μA
0.1
V
VCC =1.1V, IOH=1.1mA
0.3×VCC
V
VCC =1.4V, IOH=1.7mA
0.31
V
VCC =1.65V, IOH=1.9mA
0.31
V
IOH=2.3mA
0.31
V
VCC =2.3V
IOH=3.1mA
0.44
V
IOH=2.7mA
0.31
V
Low-Level Output Voltage
VOL
VCC =3V
IOH=4mA
0.44
V
Input Leakage Current
II(LEAK)
VCC =0V ~ 3.6V, VIN=VCC or GND
±0.1
μA
OFF-State Output Current
IOZ
VCC=0V ~3.6V, VIN=VIH,
VO=0V~3.6V
±0.1
μA
Power OFF Leakage Current
IOFF
VCC =0V, VIN or VO=0V~3.6V
±0.2
μA
Additional Power-off Leakage
Current
∆IOFF
VCC=0V~0.2V, VIN or VO=0V~3.6V
±0.2
μA
Quiescent Supply Current
ICC
VCC =0.8V ~3.6V, VIN=VCC or GND
IOUT=0
0.5
μA
Additional Quiescent Supply
Current
ICC
VCC =3.3V, One input at VCC-0.6V,
Other inputs at VCC or GND
40
μA
VCC=0V, VIN=VCC or GND
1.5
pF
nput Capacitance
CI
VCC=3.6V, VIN=VCC or GND
1.7
pF
Output Capacitance
COUT
VCC =0V, VOUT=GND
1.7
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com