Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AUP1G14G-AE5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AUP1G14G-AE5-R
Description  LOW-POWER SINGLE INVERTER BUFFER/DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1G14G-AE5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AUP1G14G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1G14G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1G14G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1G14G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1G14G-AE5-R Datasheet HTML 5Page - Unisonic Technologies U74AUP1G14G-AE5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74AUP1G14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
Ver.A
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=0.8V ~ 3.6V, IOH=20μA
0.1
V
VCC=1.1V, IOH=1.1mA
0.3×VCC
V
VCC=1.4V, IOH=1.7mA
0.31
V
VCC=1.65V, IOH=1.9mA
0.31
V
IOH=2.3mA
0.31
V
VCC=2.3V
IOH=3.1mA
0.44
V
IOH=2.7mA
0.31
V
Low-Level Output Voltage
VOL
VCC=3V
IOH=4mA
0.44
V
Input Leakage Current
II(LEAK)
VCC=0V ~ 3.6V, VIN=VCC or GND
±0.1
μA
Power OFF Leakage Current
IOFF
VCC=0V, VIN or VCC=3.6V
±0.2
μA
Additional Power OFF
Leakage Current
∆Ioff
VCC=0V~0.2V,
VIN or VOUT=0V~3.6V
±0.2
μA
Quiescent Supply Current
ICC
VCC=0.8V ~3.6V, IOUT=0
VIN=VCC or GND
0.5
μA
Additional Quiescent Supply
Current
∆ICC
VCC=3.3V, One input at VCC-0.6V,
other inputs at VCC or GND
40
μA
VCC=0V, VIN=VCC or GND
1.5
pF
Input Capacitance
CI
VCC=3.6V, VIN=VCC or GND
1.5
pF
Output Capacitance
COUT
VCC =0V, VOUT=GND
2.5
pF
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=0.8V
20.3
ns
VCC=1.2V±0.1V
3.0
6.9
ns
VCC=1.5V±0.1V
2.6
5.2
ns
VCC=1.8V±0.15V
2.2
4.4
ns
VCC=2.5V±0.2V
2.0
3.5
ns
CL=5pF,
RL=1MΩ
VCC=3.3V±0.3V
1.9
3
ns
VCC=0.8V
23.9
ns
VCC=1.2V±0.1V
3.5
7.9
ns
VCC=1.5V±0.1V
3.0
6
ns
VCC=1.8V±0.15V
2.7
5
ns
VCC=2.5V±0.2V
2.4
4
ns
CL=10pF,
RL=1MΩ
VCC=3.3V±0.3V
2.4
3.5
ns
VCC=0.8V
27.3
ns
VCC=1.2V±0.1V
3.9
8.7
ns
VCC=1.5V±0.1V
3.3
6.7
ns
VCC=1.8V±0.15V
3.0
5.6
ns
VCC=2.5V±0.2V
2.8
4.5
ns
CL=15pF,
RL=1MΩ
VCC=3.3V±0.3V
2.7
3.9
ns
VCC=0.8V
25.7
ns
VCC=1.2V±0.1V
5.1
11.2
ns
VCC=1.5V±0.1V
4.3
8.5
ns
VCC=1.8V±0.15V
3.9
7.2
ns
VCC=2.5V±0.2V
3.6
5.7
ns
Propagation delay from input
(A) to output(Y)
tPLH/tPHL
CL=30pF,
RL=1MΩ
VCC=3.3V±0.3V
3.5
5
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com