Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AUP1G32G-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AUP1G32G-AE5-R
Description  SINGLE 2-INPUT OR GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1G32G-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AUP1G32G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1G32G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1G32G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1G32G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1G32G-AE5-R Datasheet HTML 5Page - Unisonic Technologies U74AUP1G32G-AE5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AUP1G32
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R126-022.B
SINGLE 2-INPUT OR GATE
DESCRIPTION
The U74AUP1G32 is a single 2-input OR gate which provides
the Function Y=A+B or
Y=A B in positive logic.
This device ensures a very low static and dynamic power
consumption across the entire VCC range from 0.8V to 3.6V.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Wide supply voltage range from 0.8V to 3.6V
* Inputs accept voltages up to 3.6V
* IOFF supports partial-power-down mode
* Low static power consumption; ICC=0.5μA (Max.)
* Optimized for 3.3V Operation
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AUP1G32G-AE5-R
SOT-23-5
Tape Reel
U74AUP1G32G-AL5-R
SOT-353
Tape Reel
U74AUP1G32G-K06-1010-R
DFN-6(1.0×1.0)
Tape Reel
MARKING
SOT-23-5 / SOT-353
DFN-6(1.0×1.0)


Similar Part No. - U74AUP1G32G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AUP1G00G-AE5-R UTC-U74AUP1G00G-AE5-R Datasheet
214Kb / 5P
SINGLE 2-INPUT NAND GATE
U74AUP1G00G-AL5-R UTC-U74AUP1G00G-AL5-R Datasheet
214Kb / 5P
SINGLE 2-INPUT NAND GATE
U74AUP1G00G-K06-1010-R UTC-U74AUP1G00G-K06-1010-R Datasheet
214Kb / 5P
SINGLE 2-INPUT NAND GATE
U74AUP1G00 UTC-U74AUP1G00_15 Datasheet
214Kb / 5P
SINGLE 2-INPUT NAND GATE
U74AUP1G02G-AE5-R UTC-U74AUP1G02G-AE5-R Datasheet
227Kb / 5P
SINGLE 2-INPUT NOR GATE
More results

Similar Description - U74AUP1G32G-AE5-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
Single 2-Input OR Gate
September, 2001 ??Rev. 7
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
Single 2-Input OR Gate
November, 2015 ??Rev. 0
logo
Rohm
BU4S71G2 ROHM-BU4S71G2_15 Datasheet
1Mb / 16P
Single 2-Input OR Gate
logo
ON Semiconductor
MC74HC1G32 ONSEMI-MC74HC1G32_16 Datasheet
81Kb / 6P
Single 2-Input OR Gate
February, 2016 ??Rev. 14
logo
Nexperia B.V. All right...
74LVC1G32-Q100 NEXPERIA-74LVC1G32-Q100 Datasheet
217Kb / 12P
Single 2-input OR gate
Rev. 6 - 18 January 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com