Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CBT2G125G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74CBT2G125G-S08-R
Description  Dual Bus Switch with Level Shift
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT2G125G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74CBT2G125G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74CBT2G125G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74CBT2G125G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74CBT2G125G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74CBT2G125G-S08-R Datasheet HTML 5Page - Unisonic Technologies U74CBT2G125G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74CBT2G125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-942.B
ABSOLUTE MAXIMUM RATING (unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7.0
V
Input Voltage
VIN
-0.5~7.0
V
Switch terminal I/O voltage
VS
-0.5~7.0
V
Switch I/O current
IS
128
mA
Input Clamp Current(VI<0)
IIK
-50
mA
DC VCC/GND current
ICC/IGND
±100
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
97
°C/W
Junction to Ambient
TSSOP-8
θJA
149
°C/W
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4
5.5
V
Control pin input voltage
VIN
0
5.5
V
Switch I/O voltage
VS
0
5.5
V
High-control input voltage
VIH
2
V
Low-control input voltage
VIL
0.8
V
Operating Temperature
TA
-40
+85
°C
Control pin input rise/fall time
dt/dv
0
10
ns/V
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Digital Input Diode Voltage
VIK
VCC=4,Ii=-18mA
-1.2
V
VCC=4.75V
2.3
2.8
3.2
V
VCC=5.0V
2.5
3.0
3.4
V
High-level output voltage
VOH
VCC=5.25V
IOH=1μA, VIS= VCC
2.7
3.2
3.6
V
Input leakage current
IIN
VCC=4.5~5.5V, VIN=0~5.5V
±1.0
μA
Quiescent Supply Current
ICC
VCC=5.5V, VI=5.5V or GND, IO=0
10
μA
Additional Quiescent Supply
Current
∆ICC
VCC=5.5V , VIN=3.4 V (one input)
2.5
mA
Power off leakage current
IOFF
VCC=0, A=B= OE =0~5.5V
±1.0
μA
Off-STATE leakage current
(switch off)
ISZ
VCC=4.5~5.5V, A,B=0~5.5V, OE = VCC
±1.0
μA
Control Input Capacitance
CIN
VCC=5V
3
pF
Switch terminal capacitance
CI/O
VCC=5V, OE = VCC
10
pF
II=64mA
5
9
Ω
VI=0V
II=30mA
5
9
Ω
VCC=4.5V
VI=2.3V, II=-15mA
35
65
Ω
II=64mA
5
8
Ω
VI=0V
II=30mA
5
8
Ω
ON-Resistance
RON
VCC=4.75V
VI=2.3V, II=-15mA
35
50
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com