Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CBT3253G-R16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U74CBT3253G-R16-R
Description  DUAL 1-OF-4 FET MULTIPLEXER EMULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT3253G-R16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U74CBT3253G-R16-R Datasheet HTML 1Page - Unisonic Technologies U74CBT3253G-R16-R Datasheet HTML 2Page - Unisonic Technologies U74CBT3253G-R16-R Datasheet HTML 3Page - Unisonic Technologies U74CBT3253G-R16-R Datasheet HTML 4Page - Unisonic Technologies U74CBT3253G-R16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
U74CBT3253
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-948.B
PIN CONFIGURATION
16
15
14
13
12
11
10
9
2
5
6
7
8
4
3
1
1B1
S1
1OE
1B4
1A
GND
2A
2B1
1B2
V CC
1B3
2B3
2B2
2B4
S0
2OE
FUNCTION TABLE
INPUTS
OE
S1
S0
INPUT/OUTPUT
A
FUNCTION
L
L
L
B1
A port=B1 port
L
L
H
B2
A port=B2 port
L
H
L
B3
A port=B3 port
L
H
H
B4
A port=B4 port
H
X
X
Z
Disconnect
LOGIC DIAGRAM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com