Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CBT3257G-P16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U74CBT3257G-P16-R
Description  4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT3257G-P16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U74CBT3257G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74CBT3257G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74CBT3257G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74CBT3257G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74CBT3257G-P16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
U74CBT3257
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-922.C
PIN CONFIGURATION
FUNCTION TABLE
INPUT
OE
S2
INPUT/OUTPUT
A
FUNCTION
L
L
B1
A port=B1 port
L
H
B2
A port=B2 port
H
X
Z
Disconnect
LOGIC DIAGRAM
S
SW
SW
SW
SW
SW
SW
SW
SW
SW
1A
2A
3A
4A
1B1
2B1
3B1
4B1
1B2
2B2
3B2
4B2
OE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com