Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC04G-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HC04G-P14-R
Description  HEX INVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC04G-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HC04G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74HC04G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74HC04G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74HC04G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74HC04G-P14-R Datasheet HTML 5Page - Unisonic Technologies U74HC04G-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74HC04
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-919.B
ABSOLUTE MAXIMUM RATING (TA = 25°С, unless otherwise specified) (Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Clamp Current(VI<0)
IIK
±20
mA
Output Clamp Current(VO<0)
IOK
±20
mA
Output Current
IOUT
±25
mA
VCC or GND Current
ICC
±50
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
DIP-14
θJA
80
°C/W
SOP-14
86
TSSOP-14
113
RECOMMENDED OPERATING COMDITIONS (TA = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
2
5
6
V
Input Voltage
VI
0
VCC
V
Output Voltage
VO
0
VCC
V
Operating Temperature
TA
-40
+85
°C
Input transition rise/fall time
t/v
VCC =2V
1000
ns
VCC =4.5V
500
VCC =6V
400
STATIC CHARACTERISTICS (TA = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Positive-Going Input Threshold
Voltage
VIH
VCC =2V
1.5
V
VCC =4.5V
3.15
VCC =6V
4.2
Negative-Going Input Threshold
Voltage
VIL
VCC =2V
0.5
V
VCC =4.5V
1.35
VCC =6V
1.8
High-Level Output Voltage
VOH
VCC =2V, IOH=-20μA
1.9
1.998
V
VCC =4.5V, IOH=-20μA
4.4
4.499
V
VCC =6V, IOH=-20μA
5.9
5.999
V
VCC =4.5V, IOH=-4mA
3.98
4.3
V
VCC =6V, IOH=-5.2mA
5.48
5.8
V
Low-Level Output Voltage
VOL
VCC =2V, IOH=20μA
0.002
0.1
V
VCC =4.5V, IOH=20μA
0.001
0.1
V
VCC =6V, IOH=20μA
0.001
0.1
V
VCC =4.5V, IOH=4mA
0.17
0.26
V
VCC =6V, IOH=5.2mA
0.15
0.26
V
Input Leakage Current
II
VCC = 6V, VI=VCC or GND
±0.1
±100
nA
Quiescent Supply Current
ICC
VCC = 6V, VI= VCC or GND
IO=0
2
μA
Input Capacitance
CI
VCC =2V to 6V
3
10
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com