Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC07G-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HC07G-P14-R
Description  HEX BUFFER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC07G-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HC07G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74HC07G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74HC07G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74HC07G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74HC07G-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74HC07
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-A47.C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 to +7
V
DC Input Voltage
VI
-0.5 to VCC+0.5
V
DC Output Votage
VO
-0.5 to VCC+0.5
V
DC Input Diode Current
IIK
±20
mA
DC Output Diode Current
IOK
±20
mA
DC Output Current
IO
±25
mA
DC VCC or Ground Current
ICC
±50
mA
Power Dissipation (Note 2)
PD
500
mW
Lead Temperature
TL
300
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. 500mW at 65°C, derate to 300mW by 10mW/°C form 65°C to 85°C.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
2 ~ 6
V
Input Voltage
VI
0 ~ VCC
V
Output Voltage
VO
0 ~ VCC
V
Input Rise and Fall Time
tr, tf
VCC=2V
0 ~ 1000
ns
VCC=4.5V
0 ~ 500
VCC=6V
0 ~ 400
Note: All unused inputs of the device must be held at VCC or GND to ensure proper device operation.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-14
θJA
76
°С/W
TSSOP-14
113
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
High-level Input Voltage
VIH
VCC=2V
1.5
1.2
V
VCC=4.5V
3.15
2.4
VCC=6V
4.2
3.2
Low-level Input Voltage
VIL
VCC=2V
0.8
0.5
V
VCC=4.5V
2.1
1.35
VCC=6V
2.8
1.8
Output Voltage Low-Level
VOL
VCC=2V, IOL=20μA
0
0.1
V
VCC=4.5V, IOL=20μA
0
0.1
VCC=6V, IOL=20μA
0
0.1
VCC=4.5V, IOL=4mA
0.15 0.26
VCC=6V, IOL=5.2mA
0.16 0.26
Input Leakage Current
II
VCC=6V, VI= VCC or GND
±0.1
μA
Output Leakage Current
IOZ
VCC=6V, VI= VIH or VIL,
VO= VCC or GND
±0.5
μA
Quiescent Supply Current
ICC
VCC=6V, VIN=VCC or GND, IOUT=0
1
μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com