Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC123G-S16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74HC123G-S16-R
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC123G-S16-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button U74HC123G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC123G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC123G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC123G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC123G-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC123G-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC123G-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HC123G-S16-R Datasheet HTML 9Page - Unisonic Technologies U74HC123G-S16-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
U74HC123
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R502-A10.B
SWITCHING CHARACTERISTICS (tr = tf = 6ns, CL=50pF, TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Propagation Delay Time From nA , nB
to nQ or nQ
tPLH/tPHL
VCC=2V
CEXT=0pF
REXT=5k
83
255
ns
VCC=4.5V
30
51
VCC=5V, CL=15p
26
VCC=6V
24
43
Propagation Delay Time From
D
nR to
nQ or nQ
tPLH/tPHL
VCC=2V
CEXT=0pF
REXT=5k
66
215
ns
VCC=4.5V
24
43
VCC=5V, CL=15p
20
VCC=6V
19
37
Output transition time
tt
VCC=2V
19
75
ns
VCC=4.5V
7
15
VCC=6V
6
13
Trigger pulse width nA =LOW
tw
VCC=2V
100
8
ns
VCC=4.5V
20
3
VCC=6V
17
2
Trigger pulse width nB=HIGH
tw
VCC=2V
100
17
ns
VCC=4.5V
20
6
VCC=6V
17
5
Reset pulse width
D
nR =LOW
tw
VCC=2V
100
14
ns
VCC=4.5V
20
5
VCC=6V
17
4
Output pulse width
nQ=HIGH, nQ =LOW
tw
VCC=5V , CEXT=100nF, REXT=10k
450
μs
Output pulse width
nQ=HIGH, nQ =LOW
tw
VCC=5V , CEXT=0pF, REXT=5k
75
ns
Retrigger time nA , nB
trt
VCC=5V , CEXT=0pF, REXT=5k
110
ns
External timing resistor
REXT
VCC=2V
10
1000
kΩ
VCC=5V
2
1000
External timing capacitor
CEXT
VCC=5V
2
10000
pF
OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Power Dissipation Capacitance Per
monostable
CPD
54
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com