Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC123G-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC123G-P16-R
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC123G-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC123G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HC123G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HC123G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HC123G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HC123G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HC123G-P16-R Datasheet HTML 6Page - Unisonic Technologies U74HC123G-P16-R Datasheet HTML 7Page - Unisonic Technologies U74HC123G-P16-R Datasheet HTML 8Page - Unisonic Technologies U74HC123G-P16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC123
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-A10.B
DUAL RETRIGGERABLE
MONOSTABLE
MULTIVIBRATOR WITH
RESET
DESCRIPTION
The U74HC123 is high-speed Si-gate CMOS device and is pin
compatible with low power Schottky TTL (LSTTL).
The
U74HC123
is
a
dual
retriggerable
monostable
multivibrator with output pulse width control by three methods.
The basic pulse time is programmed by selection of an external
resistor (REXT) and capacitor (CEXT).
Once triggered, the basic output pulse width may be extended
by retriggering the gated active LOW-going edge input( nA ) or
the active HIGH-going edge input (nB). By repeating this process,
SOP-16
TSSOP-16
the output pulse period (nQ=HIGH, n Q =LOW) can be made as long as desired. Alternatively an output delay can be
terminated at any time by a LOW-going edge on input
D
nR , which also inhibits the triggering.
An internal connection from
D
nR to the input gates makes it possible to trigger the circuit by a positive-going
signal at input
D
nR as shown in the function table. The basic output pulse width is essentially determined by the
values of the external timing components REXT and CEXT.
Schmitt-trigger action in the nA and nB inputs, makes the circuit highly tolerant to slower input rise and fall
times.
FEATURES
* DC triggered from active HIGH or active LOW inputs
* Retriggerable for very long pulses up to 100% duty factor
* Direct reset terminates output pulse
* Schmitt-trigger action on all inputs except for the reset input
ORDERING INFORMATION
Ordering Number
Package
Packing
U74HC123G-S16-R
SOP-16
Tape Reel
U74HC123G-P16-R
TSSOP-16
Tape Reel


Similar Part No. - U74HC123G-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC123G-P16-R UTC-U74HC123G-P16-R Datasheet
301Kb / 10P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH RESET
More results

Similar Description - U74HC123G-P16-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
Dual Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Jul-2001
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com