Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT165G-S16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74HCT165G-S16-R
Description  8-BIT PARALLEL-LOAD SHIFT REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT165G-S16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U74HCT165G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HCT165G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HCT165G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HCT165G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HCT165G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HCT165G-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HCT165G-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HCT165G-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
U74HCT165
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-B32.B
TIMING REQUIREMENTS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCC=4.5V
26
44
MHz
Clock frequency
fCLOCK
VCC=5V, CL=15pF
48
MHz
CLK high input
VCC=4.5
16
6
ns
Pulse duration
SH/ LD low input
tW
VCC=4.5V
20
9
ns
DS before CLK,CLK INH
VCC=4.5V
20
2
ns
CLK INH to CLK, CLK to CLK INH
VCC=4.5V
20
7
ns
Setup time
Dn to SH/ LD
tSU
VCC=4.5V
20
10
ns
DS to CLK,CLK INH
VCC=4.5V
7
ns
Hold time
CLK to CLK INH,CLK INH to CLK
th
VCC=4.5V
0
ns
SWITCHING CHARACTERISTICS (tr = tf = 6ns, CL=50pF, TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
Condition
MIN TYP MAX UNIT
VCC=4.5V
20
40
ns
Propagation delay FROM SH/ LD to QH or
H
Q
VCC=5V, CL=15pF
17
Ns
VCC=4.5V
17
40
Ns
Propagation delay FROM CLK, CLK, INH to QH or
H
Q
VCC=5V, CL=15pF
14
Ns
VCC=4.5V
14
35
Ns
Propagation delay FROM D7 to QH or
H
Q
tPD
VCC=5V, CL=15pF
11
ns
FROM QH or
H
Q
tt
VCC=4.5V
7
15
ns
OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Power Dissipation Capacitance
CPD
No load
35
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com