Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC165L-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC165L-P16-R
Description  8-BIT PARALLEL-LOAD SHIFT REGISTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC165L-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC165L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HC165L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HC165L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HC165L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HC165L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HC165L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74HC165L-P16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC165
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A44.B
8-BIT PARALLEL-LOAD SHIFT
REGISTER
DESCRIPTION
The U74HC165 is an 8-bit parallel-load shift register that,
when clocked, shifts the data toward a serial (QH) output.
Parallel-in access to each stage is provided by eight individual
direct data (A-H) inputs that are enabled by a low level at
shift/load (SH/ LD ) input. The U74HC165 also features a
clock-inhibit (CLK INH) function and a complementary serial ( H
Q)
output.
Clocking is accomplished by a low-to-high transition of the
clock (CLK) input while SH/ LD is held high and CLK INH is held
low. The functions of CLK and CLK INH are interchangeable.
Since a low CLK and a low-to-high transition of CLK INH also
accomplish clocking, CLK INH should be changed to the high
level only while CLK is high. Parallel loading is inhibited when
SH/ LD is held high. While SH/ LD is low, the parallel inputs to
the register are enabled independently of the levels of the CLK,
CLK INH, or serial (SER) inputs.
FEATURES
* Complementary Outputs
* Direct Overriding Load (Data) Inputs
* Gated Clock Inputs
* Parallel-to-Serial Data Conversion
SOP-16
TSSOP-16
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HC165L-S16-T
U74HC165G-S16-T
SOP-16
Tube
U74HC165L-S16-R
U74HC165G-S16-R
SOP-16
Tape Reel
U74HC165L-P16-T
U74HC165G-P16-T
TSSOP-16
Tube
U74HC165L-P16-R
U74HC165G-P16-R
TSSOP-16
Tape Reel


Similar Part No. - U74HC165L-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC165L-P16-R UTC-U74HC165L-P16-R Datasheet
276Kb / 7P
8-BIT PARALLEL-LOAD SHIFT REGISTER
More results

Similar Description - U74HC165L-P16-R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC165 HITACHI-HD74AC165 Datasheet
69Kb / 13P
Parallel-Load 8-bit Shift Register
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
Parallel-load 8-bit Shift Register
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
Parallel-Load 8-bit Shift Register
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Unisonic Technologies
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
8-BIT PARALLEL-LOAD SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com