Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT541G-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HCT541G-P20-R
Description  OCTAL BUFFERS AND LINE DRIVERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT541G-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HCT541G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HCT541G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HCT541G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HCT541G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HCT541G-P20-R Datasheet HTML 5Page - Unisonic Technologies U74HCT541G-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HCT541
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-888.A
OCTAL BUFFERS AND LINE
DRIVERS WITH 3-STATE
OUTPUTS
DESCRIPTION
The U74HCT541 is octal buffers and line drivers are with
3-state outputs and 8 channels.
The 3-state control gate is a 2-input NOR. If either
output-enable( OE1 or OE2 )input is high,all eight outputs are in
the high-impedance state.The ‘UCTHCT541’ devices provide true
data at the outputs.
FEATURES
* Operating Voltage Range of 4.5V to 5.5V
* High-Current 3-State Outputs Interface Directly With System
Bus or Can Drive Up To 15 LSTTL Loads
* Low Power Consumption ICC: 4μA (Max.)
* Typical tpd=12ns
* ±6mA Output Drive at 5V
* Low Input Current of 1uA max`
* Inputs Are TTL-Voltage Compatible
* Data Flow-Through Pinout(All Inputs on Opposite Side From
Outputs)
TSSOP-20
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HCT541L-P20-T
U74HCT541G-P20-T
TSSOP-20
Tube
U74HCT541L-P20-R
U74HCT541G-P20-R
TSSOP-20
Tape Reel


Similar Part No. - U74HCT541G-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT541G-P20-R UTC-U74HCT541G-P20-R Datasheet
197Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - U74HCT541G-P20-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT541 TI-SN54HCT541_06 Datasheet
452Kb / 15P
OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI-SN54HC240_07 Datasheet
682Kb / 18P
OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54ALS244C TI1-SN54ALS244C_16 Datasheet
1Mb / 22P
OCTAL BUFFERS AND LINE DRIVERS
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI1-SN54HC240_16 Datasheet
1Mb / 22P
OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC240 UTC-U74HC240_17 Datasheet
254Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_17 Datasheet
258Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com