Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT574L-R20-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HCT574L-R20-T
Description  OCTAL D-TYPE EDGE-TRIGGER FLIP-FLOP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT574L-R20-T Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HCT574L-R20-T Datasheet HTML 1Page - Unisonic Technologies U74HCT574L-R20-T Datasheet HTML 2Page - Unisonic Technologies U74HCT574L-R20-T Datasheet HTML 3Page - Unisonic Technologies U74HCT574L-R20-T Datasheet HTML 4Page - Unisonic Technologies U74HCT574L-R20-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74HCT574
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-653.A
ABSOLUTE MAXIMUM RATING(unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7.0
V
Input Voltage
VIN
-0.5~Vcc+0.5
V
Output Voltage(active mode)
VOUT
-0.5~VCC+0.5
V
Input Clamp Current (ViN<0)
IIK
±20
mA
Output Clamp Current (VOUT<0)
IOK
±20
mA
Output Current
IOUT
±35
mA
VCC or GND Current
ICC
±50
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are
observed.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
4.5 ~ 5.5
V
Input Voltage
VIN
0 ~ VCC
V
Output Voltage
VOUT
0 ~ VCC
V
Operating Temperature
TOPR
-40 ~ 85
°C
Input Transition Rise or Fall Rate
tT
0 ~ 500
ns
ELECTRICAL CHARACTERISTICS(TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
High-Level input voltage
VIH
VCC=4.5V~5.5V
2.0
1.6
V
Low-Lever output voltage
VIL
VCC=4.5V~5.5V
1.2
0.8
V
VCC=4.5V, IOH=-20μA
4.4
4.499
V
High-Level Output Voltage
VOH
VCC=4.5V, IOH=-6mA
3.98
4.3
V
VCC=4.5V, IOL=20μA
0.001
0.1
V
Low-Level Output Voltage
VOL
VCC=4.5V, IOH=6mA
0.17
0.26
V
Input Leakage Current
II(LEAK)
VCC=5.5V, VIN=VCC or GND
±0.1
±100
nA
Output OFF -state current
IOZ
VCC=5.5V, VOUT=VCC or GND
±0.01
±0.5
μA
Quiescent Supply Current
ICC
VCC=5.5V, VIN=VCC or GND, IOUT=0
8
μA
Additional Quiescent Supply Current
△
ICC
VCC=5.5V,One input at 0.5V or
2.4V,other inputs at 0 or VCC
100
360
μA
Input Capacitance
CIN
VCC=5.5V, VIN=VCC or GND
3
10
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com