Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT573G-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HCT573G-P20-R
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT573G-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HCT573G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HCT573G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HCT573G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HCT573G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HCT573G-P20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74HCT573
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-680. B
TIMING REQUIREMENTS(Ta=25°С,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pulse Duration, LE High
tW
VCC=4.5V
16
5
ns
Setup Time, Data Before LE↓
tSU
VCC=4.5V
13
7
ns
Hold Time, Data After LE↓
tH
VCC=4.5V
9
4
ns
DYNAMIC CHARACTERISTICS(TA=25°С, CL=50pF,RL=1kΩ,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay From Input
(D) To Output (Q)
tPD
(tPLH/tPHL)
VCC=4.5V
20
35
ns
Propagation Delay From Input
(LE) To Output (Q)
tPD
(tPLH/tPHL)
VCC=4.5V
18
35
ns
3-State Output Enable Time From
Input (
OE ) To Output (Q)
tEN
(tPZL/tPZH)
VCC=4.5V
17
30
ns
3-State Output Disable Time From
Input (
OE ) To Output (Q)
tDIS
(tPLZ/tPHZ)
VCC=4.5V
18
30
ns
Output transition time, (Q)
tT
(tR/tF)
VCC=4.5V
5
12
ns
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
No load
50
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com