Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT7046L-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HCT7046L-S16-R
Description  PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT7046L-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HCT7046L-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HCT7046
CMOS IC
www.unisonic.com.tw
1 of 16
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-851.A
PHASE LOCKED LOOP WITH VCO &
LOCK DETECTOR
DESCRIPTION
The U74HCT7046 is phase-locked-loop circuit that comprise a linear
voltage-controlled oscillator (VCO), two-phase comparators (PC1, PC2),
a lock detector, a common signal input amplifier and a common
comparator input.
The lock detector capacitor should be connected between pin
15(CLD) and pin 8(GND).For a frequency range of 100kHz to 10MHz,the
lock detector capacitor must be 1000pF to 10pF,respectively.
The signal can be directly coupled to large voltage signals, or with a
series capacitor coupled to small signals. Small voltage signals can be
kept within the linear region of the input amplifiers with a self-bias input
circuit. The U74HCT7046 and a passive low-pass filter form a
second-order loop PLL. With a linear op-amp, the VCO achieves
excellent linearity.
The VCO requires external capacitor and resistor. R1 (between R1
and GND) and capacitor C1 (between C1A and C1B) determine the
frequency range of the VCO. R2 (between R2 and GND) enables the
VCO to have a frequency offset if required.
For the high input impedance of the VCO, the design of low-pass filters is simplified, and the designer has a wide
choice of resistor/capacitor ranges. At pin 10 (DEMOUT), a demodulator output of the VCO input voltage is provided
in order not to load the low-pass filter. In conventional techniques, the DEMOUT voltage is one threshold voltage
lower than the VCO input voltage, but the DEMOUT voltage of U74HCT7046 equals the VCO input voltage. When
DEMOUT is used, a load resistor (RS) should be connected from DEMOUT to GND; but if unused, DEMOUT should be
left open. The VCO output (VCOOUT) can be connected directly or via a frequency-divider to the comparator input
(COMPIN). If the VCO input is held at a constant DC level, the VCO output signal has a duty factor of 50%
(maximum expected deviation 1%). A LOW level at the inhibit input (INH) enables the VCO and demodulator, while
a HIGH level turns both off to minimize standby power consumption.
FEATURES
* Operating Power Supply Voltage Range: Digital Section 4.5 to 5.5 V
VCO Section 4.5 to 5.5 V
* Up to 18 MHz (typ.) Centre Frequency at VCC = 5V
* Excellent VCO Frequency Linearity
* VCO-Inhibit Control For ON/OFF Keying and for Low Standby Power Consumption
* Minimal Frequency Drift
* Zero Voltage Offset due to OP-Amp Buffering


Similar Part No. - U74HCT7046L-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT7046L-S16-R UTC-U74HCT7046L-S16-R Datasheet
408Kb / 16P
PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
More results

Similar Description - U74HCT7046L-S16-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
Phase-locked-loop with lock detector
December 1990
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
Phase-Locked Loop with VCO and Lock Detector
logo
NXP Semiconductors
74HC7046AN NXP-74HC7046AN Datasheet
453Kb / 38P
Phase-locked-loop with lock detector
December 1990
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
PHASE LOCKED LOOP WITH VCO
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HC4046A UTC-U74HC4046A_15 Datasheet
558Kb / 19P
PHASE LOCKED LOOP WITH VCO
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
Phase-locked loop with VCO
Rev. 1 - 27 November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com