Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LCX74G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LCX74G-P14-R
Description  LOW VOLTAGE DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LCX74G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LCX74G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LCX74G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LCX74G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LCX74G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LCX74G-P14-R Datasheet HTML 5Page - Unisonic Technologies U74LCX74G-P14-R Datasheet HTML 6Page - Unisonic Technologies U74LCX74G-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LCX74
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-999.B
LOW VOLTAGE DUAL D-TYPE
POSITIVE EDGE-TRIGGERED
FLIP-FLOP WITH 5V TOLERANT
INPUTS
DESCRIPTION
The U74LCX74 is a dual D-type flip-flop with Asynchronous Clear
and Set inputs and complementary (Q, Q ) outputs. Information at the
input is transferred to the outputs on the positive edge of the clock
pulse. After the Clock Pulse input threshold voltage has been passed,
the Data input is locked out and information present will not be
transferred to the outputs until the next rising edge of the Clock Pulse
input.
Asynchronous inputs:
LOW input to
D
S
(Set) sets Q to HIGH level
LOW input to CD (Clear) sets Q to LOW level
Clear and Set are independent of clock
Simultaneous LOW on CD and
D
S
makes both Q and Q high
FEATURES
* 2.3V-3.6V VCC specifications provided
* 5V tolerant inputs
* 7.0 ns tPD max (VCC=3.3V), ICC=10μA (max.)
* Power down high impedance inputs and outputs
* ±24mA output drive (VCC=3.0V)
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LCX74G-P14-R
TSSOP-14
Tape Reel
MARKING


Similar Part No. - U74LCX74G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LCX74G-P14-R UTC-U74LCX74G-P14-R Datasheet
175Kb / 7P
LOW VOLTAGE DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP WITH 5V TOLERANT INPUTS
More results

Similar Description - U74LCX74G-P14-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74 Datasheet
86Kb / 6P
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74 Datasheet
70Kb / 6P
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74 Datasheet
93Kb / 7P
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74_01 Datasheet
78Kb / 6P
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74_08 Datasheet
320Kb / 9P
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LCX74MX FAIRCHILD-74LCX74MX Datasheet
824Kb / 14P
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com