Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT640G-S20-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HCT640G-S20-R
Description  OCTAL BUS TRANSCEIVERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT640G-S20-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HCT640G-S20-R Datasheet HTML 1Page - Unisonic Technologies U74HCT640G-S20-R Datasheet HTML 2Page - Unisonic Technologies U74HCT640G-S20-R Datasheet HTML 3Page - Unisonic Technologies U74HCT640G-S20-R Datasheet HTML 4Page - Unisonic Technologies U74HCT640G-S20-R Datasheet HTML 5Page - Unisonic Technologies U74HCT640G-S20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74HCT640
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-684.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~7
V
Output Voltage
VOUT
-0.5 ~ VCC+0.5
V
Input Clamp Current (VIN<0)
IIK
±20
mA
Output Clamp Current (VOUT<0, or VOUT>VCC)
IOK
±20
mA
Output Current
IOUT
±35
mA
VCC or GND Current
ICC
±70
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
5
5.5
V
High-Level Input Voltage
VIH
VCC = 4.5V to 5.5V
2
V
Low-Level Input Voltage
VIL
VCC = 4.5V to 5.5V
0
0.8
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Rate
Δt/Δv
VCC = 4.5V
0
500
ns/V
Operating Temperature
TA
-40
85
°C
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Output Voltage
VOH
IOH = -20μA, VCC = 4.5V
4.4
4.499
V
IOH = -6mA, VCC = 4.5V
3.98
4.30
Low-Level Output Voltage
VOL
IOL = 20μA, VCC = 4.5V
0.001
0.1
V
IOL = 6mA, VCC = 4.5V
0.17
0.26
Input Leakage Current
(DIR or OE )
II(LEAK)
VIN = VCC or 0, VCC = 5.5V
±0.1
±100
μA
High-Impedance State Current
(A or B)
IOZ
VOUT = VCC or 0, VCC = 5.5V
±0.01
±0.5
μA
Quiescent Supply Current
ICC
VIN=VCC or 0, IOUT = 0, VCC = 5.5V
8
μA
Additional Quiescent Supply
Current
ΔICC
One input at 0.5V or 2.4V,
other inputs at 0V or VCC, VCC =5.5V
1.4
2.4
mA
Input Capacitance (DIR or OE )
CIN
VIN = VCC or 0, VCC=4.5V to 5.5V
3
10
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com