Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX23L4100 Datasheet(PDF) 2 Page - Macronix International

Part # MX23L4100
Description  4M-BIT MASK ROM (8/16 BIT OUTPUT)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L4100 Datasheet(HTML) 2 Page - Macronix International

  MX23L4100 Datasheet HTML 1Page - Macronix International MX23L4100 Datasheet HTML 2Page - Macronix International MX23L4100 Datasheet HTML 3Page - Macronix International MX23L4100 Datasheet HTML 4Page - Macronix International MX23L4100 Datasheet HTML 5Page - Macronix International MX23L4100 Datasheet HTML 6Page - Macronix International MX23L4100 Datasheet HTML 7Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
P/N:PM0344
REV. 1.4, JUL. 16, 2001
MX23L4100
BLOCK DIAGRAM
Address
Buffer
Memory
Array
Sense
Amplifier
Word/
Byte
Output
Buffer
D0
D15/(D7)
A0/(A-1)
A17
CE
BYTE
OE
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Ratings
Voltage on any Pin Relative to VSS
VIN
-0.8V to VCC+2.0V (Note)
Ambient Operating Temperature
Topr
0°C to 70°C
Storage Temperature
Tstg
-65°C to 125°C
Note: Minimum DC voltage on input or I/O pins is -0.5V.
During voltage transitions, inputs may undershoot VSS
to -0.8V for periods of up to 20ns. Maximum DC voltage
on input or I/O pins is VCC+0.5V. During voltage transi-
tions, input may overshoot VCC to VCC+2.0V for peri-
ods of up to 20ns.
DC CHARACTERISTICS (Ta = 0°C ~ 70°C, VCC = 3.3V±10%)
Item
Symbol
MIN.
MAX.
Conditions
Output High Voltage
VOH
2.4V
-
IOH = -0.4mA
Output Low Voltage
VOL
-
0.4V
IOL = 1.6mA
Input High Voltage
VIH
2.2V
VCC+0.3V
Input Low Voltage
VIL
-0.3V
0.8V
Input Leakage Current
ILI
-
5uA
0V, VCC
Output Leakage Current
ILO
-
5uA
0V, VCC
Operating Current (CE toggle)
ICC1
-
30mA
tRC=100ns, all output open
Standby Current (TTL)
ISTB1
-
1mA
CE = VIH
Standby Current (CMOS)
ISTB2
-
20uA
CE > VCC - 0.2V
Input Capacitance
CIN
-
10pF
Ta = 25°C, f = 1MHZ
Output Capacitance
COUT
-
10pF
Ta = 25°C, f = 1MHZ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com