Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CBA
Description  Thin Film Binary MOS Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CBA Datasheet(HTML) 2 Page - Vishay Siliconix

  CBA_15 Datasheet HTML 1Page - Vishay Siliconix CBA_15 Datasheet HTML 2Page - Vishay Siliconix CBA_15 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CBA
www.vishay.com
Vishay Electro-Films
Revision: 02-May-13
2
Document Number: 61041
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CONFIGURATIONS in inches
SCHEMATIC
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip Size
0.019" x 0.030" ± 0.002" (0.48 mm x 0.75 mm ± 0.05 mm)
Chip Thickness
0.010" ± 0.003" (0.25 mm ± 0.08 mm)
Chip Substrate Material
Semiconductor silicon
Dielectric
Silicon dioxide (MOS)
Bonding Pads
10 kÅ minimum aluminum
Backing
3 kÅ minimum gold
GLOBAL PART NUMBER INFORMATION
Global Part Number: CBA3750CMAHWS
Global Part Number Description: CBA 3.75 pF 20 % Al H WS
MODEL
CAPACITANCE
(pF)
CAPACITANCE
MULTIPLIER
CODE
TOLERANCE
CODE
TERMINATION
VISUAL
CLASS
PACKAGING
CODE
CBA
First 4 digits
are significant
figures of
capacitance
C = 0.001
B = 0.01
K = 10 %
M = 20 %
L = 25 %
G = Au
A = Al
H = Class H
K = Class K
WS = Waffle pack
100 min., 1 mult
0.008
0.030
0.0075
0.00375
0.004 0.004
0.015
0.019
0.004
TOP BONDING PADS
1.0 pF
2.0 pF
4.0 pF 8.0 pF
Back of chip
TOP BONDING PADS
0.25 pF 0.5 pF
1.0 pF 2.0 pF
Back of chip
75
0
C
M
A
B
C
3
AH
WS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com