Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM-3702G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-3702G
Description  125 Mbps Multi-Mode Single-Fiber SFP Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-3702G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-3702G Datasheet HTML 1Page - Optoway Technology Inc SPM-3702G Datasheet HTML 2Page - Optoway Technology Inc SPM-3702G Datasheet HTML 3Page - Optoway Technology Inc SPM-3702G Datasheet HTML 4Page - Optoway Technology Inc SPM-3702G Datasheet HTML 5Page - Optoway Technology Inc SPM-3702G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPM-3702G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
1
SPM-3702G / SPM-3702BG / SPM-3702AG
(SC BIDI SFP)
(RoHS Compliant)
SPM-3702LG / SPM-3702BLG / SPM-3702ALG
(LC BIDI SFP)
1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPM-3702G
l Simplex LC Connector: SPM-3702LG
l Small Form-Factor Pluggable (SFP) MSA Compatible
l 1550 nm LD Transmitter
l 1310 nm Receiver
l Distance: 0 to 2000 m
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating : SPM-3702G
l -10 to 85oC Operating : SPM-3702BG
l -40 to 85oC Operating : SPM-3702AG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM Fast Ethernet Links
l SONET/SDH Equipment Interconnect
l Fibre Channel Links
DESCRIPTION
The SPM-3702G series is small form factor pluggable
module for multi-mode fiber Fast
Ethernet and OC-3 /
STM-1 SONET / SDH single fiber communications by using
1550 nm transmitter and 1310 nm receiver. It is with the SFP
20-pin connector to allow hot plug capability. The
transmitter section uses a multiple quantum well 1550 nm
laser
and is a class 1 laser compliant according to
International Safety Standard IEC 60825. The receiver
section uses an integrated 1310 nm detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
Distance
(m)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPM-3702G
125/155
0 to 2000
1550
1310
SC SFP
0 to 70
-8 to -15
-30
Yes
SPM-3702BG
125/155
0 to 2000
1550
1310
SC SFP
-10 to 85
-8 to -15
-30
Yes
SPM-3702AG
125/155
0 to 2000
1550
1310
SC SFP
-40 to 85
-8 to -15
-30
Yes
SPM-3702LG
125/155
0 to 2000
1550
1310
LC SFP
0 to 70
-8 to -15
-30
Yes
SPM-3702BLG
125/155
0 to 2000
1550
1310
LC SFP
-10 to 85
-8 to -15
-30
Yes
SPM-3702ALG
125/155
0 to 2000
1550
1310
LC SFP
-40 to 85
-8 to -15
-30
Yes


Similar Part No. - SPM-3702G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-3702G OPTOWAY-SPM-3702G Datasheet
172Kb / 5P
1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3702G OPTOWAY-SPM-3702G Datasheet
182Kb / 6P
1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3702G OPTOWAY-SPM-3702G Datasheet
177Kb / 6P
125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3702G OPTOWAY-SPM-3702G_08 Datasheet
182Kb / 6P
1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3702G_2015 OPTOWAY-SPM-3702G_2015 Datasheet
177Kb / 6P
125 Mbps Multi-Mode Single-Fiber SFP Transceiver
More results

Similar Description - SPM-3702G

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
SPB-3610G JMNIC-SPB-3610G Datasheet
177Kb / 6P
125 Mbps Single-Fiber SFP Transceiver
logo
Optoway Technology Inc
SPB-3710G_2015 OPTOWAY-SPB-3710G_2015 Datasheet
187Kb / 6P
125 Mbps Single-Fiber SFP Transceiver
SPM-3602G_2015 OPTOWAY-SPM-3602G_2015 Datasheet
177Kb / 6P
125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3602WG_2015 OPTOWAY-SPM-3602WG_2015 Datasheet
177Kb / 6P
125 Mbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-3702G_2015 OPTOWAY-SPM-3702G_2015 Datasheet
177Kb / 6P
125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3702WG_2015 OPTOWAY-SPM-3702WG_2015 Datasheet
177Kb / 6P
125 Mbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPB-3710G OPTOWAY-SPB-3710G_15 Datasheet
187Kb / 6P
125 Mbps Single-Fiber SFP Transceiver
SPM-3602G OPTOWAY-SPM-3602G_15 Datasheet
177Kb / 6P
125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3602WG OPTOWAY-SPM-3602WG_15 Datasheet
177Kb / 6P
125 Mbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-3702WG OPTOWAY-SPM-3702WG_15 Datasheet
177Kb / 6P
125 Mbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com