Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G10G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G10G-AG6-R
Description  SINGLE 3-INPUT POSITIVE-AND GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G10G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G10G-AG6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G10G-AG6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G10G-AG6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G10G-AG6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G10G-AG6-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G10G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74LVC1G10
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-957.C
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH=-100μA
VCC=1.65 ~ 5.5V VCC-0.1
V
IOH=-4mA
VCC=1.65V
1.2
V
IOH=-8mA
VCC=2.3V
1.9
V
IOH=-16mA
2.4
V
IOH=-24mA
VCC=3.0V
2.3
V
High-Level Output Voltage
VOH
IOH=-32mA
VCC=4.5V
3.8
V
IOL=100μA
VCC=1.65 ~ 5.5V
0.1
V
IOL=4mA
VCC=1.65V
0.45
V
IOL=8mA
VCC=2.3V
0.30
V
IOL=16mA
0.40
V
IOL=24mA
VCC=3.0V
0.55
V
Low-Level Output Voltage
VOL
IOL=32mA
VCC=4.5V
0.55
V
Input Leakage Current
II(LEAK)
VIN=5.5V or GND, VCC=0 ~ 5.5V
±5
μA
Power OFF Leakage Current
Ioff
VIN or VOUT=5.5V, VCC=0V
±10
μA
Quiescent Supply Current
ICC
VIN=5.5V or GND, IOUT=0
VCC=1.65 ~ 5.5V
10
μA
Additional Quiescent Supply
Current Per Input Pin
∆ICC
VCC=3 V~ 5.5V, One input at
VCC-0.6V, Other inputs at VCC or
GND
500
μA
Input Capacitance
CI
VCC=3.3V, VIN=VCC or GND
3.5
pF
SWITCHING CHARACTERISTICS (TA=25°С)(see Figure 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL=15pF
2
14.8
VCC=1.8V±0.15V
CL=30pF
2.5
18
ns
CL=15pF
1.3
5.5
VCC=2.5V±0.2V
CL=30pF
1.6
6.5
ns
CL=15pF
0.8
3.8
VCC=3.3V±0.3V
CL=50pF
1.4
5
ns
CL=15pF
0.6
2.7
Propagation delay from input
(A,B or C) to output(Y)
tPLH/tPHL
VCC=5V±0.5V,
CL=50pF
CL=50pF
1
3.6
ns
OPERATING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V
17
pF
VCC=2.5V
18
pF
VCC=3.3V
19
pF
Power Dissipation Capacitance
CPD
f=10MHZ
VCC=5.0V
22
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com