Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G66G-AE5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC1G66G-AE5-R
Description  SINGLE BILATRAL ANALOG SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G66G-AE5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC1G66G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G66G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G66G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G66G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G66G-AE5-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G66G-AE5-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G66G-AE5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
U74LVC1G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-794.B
ABSOLUTE MAXIMUM RATING (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage(Note2)
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~6.5
V
Switch I/O voltage range
VI/O
-0.5~VCC+0.5
V
Control Input Clamp Current(VIN<0)
IIK
-50
mA
I/O Port Diode Current(VI/O<0 or VI/O >Vcc)
IIOK
±50
mA
On-state Switch Current(VI/O : 0 to Vcc)
IT
±50
mA
VCC or GND Current
ICC
±100
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
1.65
5.5
V
Input Voltage
VIN
0
5.5
V
I/O Port Voltage
VI/O
0
VCC
V
Operating Temperature
TA
-40
85
°C
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
High-level Input Voltage
VIH
VCC=1.65V~1.95V
0.65*VCC
V
VCC=2.3V~2.7V
1.7
V
VCC=3V ~3.6V
2
V
VCC=4.5V~5.5V
0.7*VCC
V
Low-level Input Voltage
VIL
VCC=1.65V~1.95V
0.35*VCC
V
VCC=2.3V~2.7V
0.7
V
VCC=3V~3.6V
0.8
V
VCC=4.5V~5.5V
0.3*VCC
V
Input transition rise/fall time
△
t/△v
VCC=1.65V~1.95V
20
ns
VCC=2.3V~2.7V
20
VCC=3V~3.6V
10
VCC=4.5V~5.5V
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com