Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G66G-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC1G66G-AF5-R
Description  SINGLE BILATRAL ANALOG SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G66G-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC1G66G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G66G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
U74LVC1G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-794.B
ANALOG SWITCH CHARACTERISTICS(Cont.)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
TYP
UNIT
Sine-wave distortion
A or B
B or A
CL =50pF, RL =10KΩ,
FIN =1KHZ(sine wave)
VCC=1.65V
0.1
%
VCC=2.3V
0.025
VCC=3V
0.015
VCC=4.5V
0.01
CL =50pF, RL =10kΩ,
FIN =10KHz(sine wave)
VCC=1.65V
0.15
VCC=2.3V
0.025
VCC=3V
0.015
VCC=4.5V
0.01
Notes: 1. Adjust fIN voltage to obtain 0 dBm at output. Increase fIN frequency until dB meter reads -3dB.
2. Adjust fIN voltage to obtain 0 dBm at input.
DYNAMIC CHARACTERISTICS
PARAMETER
SYMBOL
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
Propagation delay time
tPD(1)
A or B
B or A
VCC=1.8V±0.15V
2
ns
VCC=2.5V±0.2V
1.2
VCC=3.3V±0.3V
0.8
VCC=5V±0.5V
0.6
Tun-ON time
tEN(2)
C
A or B
VCC=1.8V±0.15V
2.5
12
ns
VCC=2.5V±0.2V
1.9
6.5
VCC=3.3V±0.3V
1.8
5
VCC=5V±0.5V
1.5
4.2
Tun-OFF time
tDIS(3)
C
A or B
VCC=1.8V±0.15V
2.2
10
ns
VCC=2.5V±0.2V
1.4
6.9
VCC=3.3V±0.3V
2
6.5
VCC=5V±0.5V
1.4
5
Notes: 1. tPLH and tPHL are the same as tPD.
2. tPZL and tPZH are the same as tEN.
3. tPLZ and tPHZ are the same as tDIS.
Operating Characteristics (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Power Dissipation Capacitance
CPD
VCC=3.3V, f=10MHz
9
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com