Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G99G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC1G99G-S08-R
Description  ULTRA-CONFIGURABLE MULTIPLE- FUMCTION GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G99G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC1G99G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G99G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G99G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G99G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G99G-S08-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G99G-S08-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G99G-S08-R Datasheet HTML 7Page - Unisonic Technologies U74LVC1G99G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
U74LVC1G99
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-798.A
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from input (A) to
output(Y)
tPLH/tPHL
(A to Y)
VCC=1.8V±0.15V, CL=15pF
4.5
30.1
ns
VCC=2.5V±0.2V, CL=15pF
2.5
11.3
VCC=3.3V±0.3V, CL=15pF
1.8
7.5
VCC=5V±0.5V, CL=15pF
1.3
4.8
Propagation delay from input (B) to
output(Y)
tPLH/tPHL
(B to Y)
VCC=1.8V±0.15V, CL=15pF
4.4
28.3
ns
VCC=2.5V±0.2V, CL=15pF
2.4
10.8
VCC=3.3V±0.3V, CL=15pF
1.8
7.2
VCC=5V±0.5V, CL=15pF
1.3
4.7
Propagation delay from input (C) to
output(Y)
tPLH/tPHL
(C to Y)
VCC=1.8V±0.15V, CL=15pF
4.4
29.1
ns
VCC=2.5V±0.2V, CL=15pF
2.4
11.7
VCC=3.3V±0.3V, CL=15pF
1.9
7.6
VCC=5V±0.5V, CL=15pF
1.3
5.0
Propagation delay from input (D) to
output(Y)
tPLH/tPHL
(D to Y)
VCC=1.8V±0.15V, CL=15pF
4.3
25.1
ns
VCC=2.5V±0.2V, CL=15pF
2.4
10.2
VCC=3.3V±0.3V, CL=15pF
1.7
6.7
VCC=5V±0.5V, CL=15pF
1.3
4.5
Propagation delay from
Output-enable(OE) to output(Y)
tPZL/tPZH
VCC=1.8V±0.15V, CL=15pF
3.4
24.7
ns
VCC=2.5V±0.2V, CL=15pF
2.1
10.0
VCC=3.3V±0.3V, CL=15pF
1.3
5.8
VCC=5V±0.5V, CL=15pF
1.0
3.8
Propagation delay from
Output-enable(OE) to output(Y)
tPZL/tPZH
VCC=1.8V±0.15V, CL=15pF
4.0
15.5
ns
VCC=2.5V±0.2V, CL=15pF
2.7
7.5
VCC=3.3V±0.3V, CL=15pF
3.5
7.0
VCC=5V±0.5V, CL=15pF
2
5.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com