Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC02AG-P14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U74LVC02AG-P14-R
Description  QUAD 2-INPUT POSITIVE-NOR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC02AG-P14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U74LVC02AG-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC02AG-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC02AG-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC02AG-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC02AG-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
U74LVC02A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-992.B
PIN CONFIGURATION
PIN DESCRIPTION
PIN
SYMBOL
FUNCTION
2, 5, 8, 11
1A-4A
Data inputs
3, 6, 9, 12
1B-4B
Data inputs
1, 4, 10, 13
1Y-4Y
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
FUNCTION TABLE (each gate)
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
H
L
L
L
LOGIC SYMBOL (one gate)
A
B
Y
Logic symbol
IEEE/IEC symbol
A
B
Y
≥
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com