Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G08G-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC2G08G-SM1-R
Description  DUAL 2-INPUT AND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G08G-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC2G08G-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G08G-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G08G-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G08G-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G08G-SM1-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC2G08
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-437.D
SWITCHING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation delay from input
(A or B) to output (Y)
tPLH / tPHL
VCC=1.8V±0.15V, RL=1KΩ
CL=30pF
1.0
3.2
9.0
ns
VCC=2.5V±0.2V, RL=500Ω
0.5
2.2
5.1
VCC=2.7V, RL=500Ω
CL=50pF
1.0
2.5
5.3
VCC=3.3V±0.3V, RL=500Ω
0.5
2.1
4.7
VCC=5.0V±0.5V, RL=500Ω
0.5
1.7
3.8
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Power Dissipation Capacitance
CPD
VCC = 3.3V
14.4
pF
Notes: 1. CPD is used to determine the dynamic power dissipation (PD in μW).
22
()
D
P D
CC
i
L
CC
O
P
C
Vf
N
C
Vf

, where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
2
()
L
CC
O
CV
f

= sum of outputs.
2. The condition is VI = GND to VCC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com