Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G00L-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G00L-SM1-R
Description  DUAL 2-INPUT POSITIVE-NOR GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G00L-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G00L-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G00L-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G00L-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G00L-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G00L-SM1-R Datasheet HTML 5Page - Unisonic Technologies U74LVC2G00L-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G00
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-428.B
DUAL 2-INPUT
POSITIVE-NAND GATE
DESCRIPTION
The U74LVC2G00 is a dual 2-input NAND gate which
performs the function
Y=A*B or
+
Y=A B . It is designed for
1.65V to 5.5V operation.
FEATURES
* Wide Supply Voltage Range from 1.65V to 5.5V
* Max tPD of 4.3 ns at 3.3V
* Up to 5.5V Inputs Accept Voltages
* Low Power Consumption, ICC = 10 μA (Max.)
* ±24 mA Output Driver at 3.3V
* Typical VOLP (Output Ground Bounce) < 0.8V,
VCC = 3.3 V, TA = 25 °C
* Typical VOHV (Output VOH Undershoot) > 2V,
VCC = 3.3 V, TA = 25 °C
SOP-8
MSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC2G00L-S08-R
U74LVC2G00G-S08-R
SOP-8
Tape Reel
U74LVC2G00L-S08-T
U74LVC2G00G-S08-T
SOP-8
Tube
U74LVC2G00L-SM1-R
U74LVC2G00G-SM1-R
MSOP-8
Tape Reel
U74LVC2G00L-SM1-T
U74LVC2G00G-SM1-T
MSOP-8
Tube


Similar Part No. - U74LVC2G00L-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G00 UTC-U74LVC2G00 Datasheet
161Kb / 6P
DUAL 2-INPUT POSITIVE-NAND GATE
More results

Similar Description - U74LVC2G00L-SM1-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G02 TI-SN74LVC2G02 Datasheet
319Kb / 12P
DUAL 2 INPUT POSITIVE NOR GATE
SN74AUC2G02 TI-SN74AUC2G02 Datasheet
259Kb / 11P
DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02 TI-SN74AUC2G02_09 Datasheet
537Kb / 13P
DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUP2G02 TI1-SN74AUP2G02 Datasheet
740Kb / 20P
LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02-EP TI1-SN74LVC2G02-EP Datasheet
298Kb / 9P
DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02DCURE4 TI-SN74LVC2G02DCURE4 Datasheet
822Kb / 15P
DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
74LVC2G02 UTC-74LVC2G02_15 Datasheet
165Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G86 UTC-U74LVC2G86_15 Datasheet
199Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com