Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC74AG-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC74AG-P14-R
Description  DUAL POSITIVE-EDGETRIGGERED D-TYPE FLIP-FLOPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC74AG-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC74AG-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC74AG-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC74AG-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC74AG-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC74AG-P14-R Datasheet HTML 5Page - Unisonic Technologies U74LVC74AG-P14-R Datasheet HTML 6Page - Unisonic Technologies U74LVC74AG-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74LVC74A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-879.C
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Output Voltage
VOH
IOH=-100uA
VCC=1.65V~3.6V VCC-0.2
V
IOH=-4mA
VCC=1.65V
1.2
IOH=-8mA
VCC=2.3V
1.7
IOH=-12mA
VCC=2.7V
2.2
VCC=3V
2.4
IOH=-24mA
VCC=3V
2.2
Low-Level Output Voltage
VOL
IOL=100uA
VCC=1.65V~3.6V
0.2
V
IOL=4mA
VCC=1.65V
0.45
IOL=8mA
VCC=2.3V
0.7
IOL=12mA
VCC=2.7V
0.4
IOL=24mA
VCC=3V
0.55
Input Leakage Current
II(LEAK)
VCC=0V~3.6V
VIN=5.5V or GND
±5
μA
Quiescent Supply Current
IQ
VCC=3.6V
VIN=VCC or GND IOUT=0
10
μA
Additional Quiescent Supply
Current
∆IQ
VCC=2.7V to 3.6V
One input at VCC-0.6V,
Other inputs at VCC or GND
500
μA
Input Capacitance
CIN
VCC=3.3V, VIN=VCC or GND
5
pF
DYNAMIC CHARACTERISTICS (Input: tR, tF≤2.5ns; PRR≤1MHz)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fclock Clock frequency
fCLOCK
VCC=1.8V±0.15V
83
MHZ
VCC=2.5V±0.2V
83
VCC=2.7V
83
VCC=3.3V±0.3V
150
Pulse duration
tW
VCC=1.8V±0.15V
PRE or CLR Low
4.1
ns
CLK High or Low
4.1
VCC=2.5V±0.2V
PRE or CLR Low
3.3
CLK High or Low
3.3
VCC=2.7V
PRE or CLR Low
3.3
CLK High or Low
3.3
VCC=3.3V±0.3V
PRE or CLR Low
3.3
CLK High or Low
3.3
Setup time before CLK↑
tsu
VCC=1.8V±0.15V
Data
3.6
ns
PRE or CLR Inactive
2.7
VCC=2.5V±0.2V
Data
2.3
PRE or CLR Inactive
1.9
VCC=2.7V
Data
3.4
PRE or CLR Inactive
2.2
VCC=3.3V±0.3V
Data
3
PRE or CLR Inactive
2
Hold time ,data after CLK↑
th
VCC=1.8V±0.15V
1
ns
VCC=2.5V±0.2V
1
VCC=2.7V
1
VCC=3.3V±0.3V
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com