Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC126AG-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC126AG-P14-R
Description  QUADRUPLE BUS BUFFER GATES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC126AG-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC126AG-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC126AG-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC126AG-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC126AG-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC126AG-P14-R Datasheet HTML 5Page - Unisonic Technologies U74LVC126AG-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74LVC126A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-705.B
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = -100μA, VCC = 1.65V to 3.6V
VCC-0.2
IOH = -4mA, VCC = 1.65V
1.2
IOH = -8mA, VCC = 2.3V
1.7
IOH = -12mA, VCC = 2.7V
2.2
IOH = -12mA, VCC = 3V
2.4
High-Level Output Voltage
VOH
IOH = -24mA, VCC = 3V
2.3
V
IOL = 100μA, VCC = 1.65V to 3.6V
0.1
IOL = 4mA, VCC = 1.65V
0.45
IOL = 8mA, VCC = 2.3V
0.7
IOL = 12mA, VCC = 2.7V
0.4
Low-Level Output Voltage
VOL
IOL = 24mA, VCC = 3V
0.55
V
Input Leakage Current
(A or OE input)
II(LEAK)
VIN = 5.5V or GND, VCC = 3.6V
±1
μA
High-impedance state Current
IOZ
VOUT = VCC or GND, VCC = 3.6V
±1
μA
Quiescent Supply Current
ICC
VIN = VCC or GND, IOUT = 0, VCC = 3.6V
1
μA
Additional quiescent supply
current
∆ICC
One input at VCC - 0.6V,VCC =2.7V to
3.6V, other inputs at VCC or GND
500
μA
Input Capacitance
CIN
VIN = VCC or GND, VCC=3.3V
4.5
pF
Output Capacitance
COUT
VOUT = VCC or GND, VCC=3.3V
7
pF
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC =1.8V
13.2
ns
VCC =2.5V ±0.2V
1
7.2
VCC =2.7V
5.2
Propagation delay from input A
to output Y
tPD
VCC =3.3V ±0.3V
1
4.7
VCC =1.8V
14.3
ns
VCC =2.5V ±0.2V
1
8.3
VCC =2.7V
6.3
Propagation delay from input
OE to output Y
tEN
VCC =3.3V ±0.3V
1
5.7
VCC =1.8V
14.7
ns
VCC =2.5V ±0.2V
1
8.7
VCC =2.7V
6.7
Propagation delay from input
OE to output Y
tDIS
VCC =3.3V ±0.3V
1.3
6
Skew between any two outputs
of the same package switching
in the same direction
tSK(O)
VCC =3.3V ±0.3V
1
ns
OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC =1.8V
20
pF
VCC =2.5V
21
pF
f=10MHz, Outputs
enable
VCC =3.3V
22
pF
VCC =1.8V
2
pF
VCC =2.5V
3
pF
Power dissipation capacitance
per gate
CPD
f=10MHz, Outputs
disabled
VCC =3.3V
4
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com