Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC34AL-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC34AL-P14-R
Description  HEX BUFFER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC34AL-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC34AL-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC34AL-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC34AL-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC34AL-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC34AL-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC34A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-411.C
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~6.5
V
Output Voltage (active mode)
VOUT
-0.5~ VCC+0.5
V
Output Voltage (power-down mode)
VOUT
-0.5~6.5
V
Input Clamp Current (VIN<0)
IIK
-50
mA
Output Clamp Current (VO<0)
IOK
-50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
1.65
5.5
V
Datat retention only
1.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Operating Temperature
TA
-40
85
°C
Input Transition Rise or Fall
Rate
tR / tF
VCC=1.8V±0.15V, 2.5V±0.2V
20
ns/V
VCC=3.3V±0.3V
10
ns/V
VCC=5V±0.5V
5
ns/V
STATIC CHARACTERISTICS (TA = -40~85°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=1.65~1.95V
0.65*VCC
V
VCC=2.3~2.7V
1.7
VCC=2.7~3.6V
2
VCC=4.5~5.5V
0.7*VCC
Low-Level Input Voltage
VIL
VCC=1.65~1.95V
0.35*VCC
V
VCC=2.3~2.7V
0.7
VCC=2.7~3.6V
0.8
VCC=4.5~5.5V
0.3*VCC
High-Level Output Voltage
VOH
VCC=1.65~5.5V
IOH=-100mA
VCC-0.1
V
VCC=1.65V
IOH=-4mA
1.2
VCC=2.3V
IOH=-8mA
1.9
VCC=3V
IOH=-16mA
2.4
VCC=3V
IOH=-24mA
2.3
VCC=4.5V
IOH=-32mA
3.8
Low-Level Output Voltage
VOL
VCC=1.65~5.5V
IOH=100mA
0.1
V
VCC=1.65V
IOH=4mA
0.45
VCC=2.3V
IOH=8mA
0.3
VCC=3V
IOH=16mA
0.4
VCC=3V
IOH=24mA
0.55
VCC=4.5V
IOH=32mA
0.55
Input Leakage Current
II(LEAK)
VCC=3.6V ,VIN=5.5V or GND
±1
μA
Power OFF leakage current
IOFF
VIN or VO=5.5V, VCC=0V
±10
μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com