Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC563L-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC563L-P20-R
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC563L-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC563L-P20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC563L-P20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC563L-P20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC563L-P20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC563L-P20-R Datasheet HTML 5Page - Unisonic Technologies U74LVC563L-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74LVC563
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-681.A
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
High-Level Output Voltage
VOH
IOH = -100μA, VCC = 1.65V to 3.6V
VCC-0.2
V
IOH = -4mA, VCC = 1.65V
1.2
IOH = -8mA, VCC = 2.3V
1.7
IOH = -12mA, VCC = 2.7V
2.2
IOH = -12mA, VCC = 3V
2.4
IOH = -24mA, VCC = 3V
2.2
Low-Level Output Voltage
VOL
IOL = 100μA, VCC = 1.65V to 3.6V
0.2
V
IOL = 4mA, VCC = 1.65V
0.45
IOL = 8mA, VCC = 2.3V
0.7
IOL = 12mA, VCC = 2.7V
0.4
IOL = 24mA, VCC = 3V
0.55
Input Leakage Current
(D, LE, or OE inputs)
II(LEAK)
VIN = 0 to 5.5V, VCC = 3.6V
±5
μA
OFF-state Current
IOFF
VIN or VO = 5.5V, VCC = 0V
±10
μA
High-impedance state Current
IOZ
VO = 0 to 5.5V, VCC = 3.6V
±10
μA
Quiescent Supply Current
ICC
IOUT = 0,
VCC=3.6V
VIN = VCC or GND,
10
μA
VIN=3.6V to 5.5V,in disabled state
10
Additional quiescent Supply
Current
Δ ICC
One input at VCC-0.6V,VCC=2.7V to 3.6V,
other inputs at VCC or GND
500
μA
Input Capacitance
CIN
VIN = VCC or GND, VCC=3.3V (Note 1)
4
pF
Output Capacitance
COUT
VOUT = VCC or GND, VCC=3.3V (Note 1)
5.5
pF
Note: 1. All typical values are at VCC = 3.3 V, TA = 25 °C.
TIMING REQUIREMENTS(TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX UNIT
Pulse duration, LE high
tW
VCC = 2.7V
3.3
ns
VCC = 3.3V±0.3V
3.3
Setup time, data before LE
↓
tSU
VCC = 2.7V
2
ns
VCC = 3.3V±0.3V
2
Hold time, data after LE
↓
tH
VCC = 2.7V
1.5
ns
VCC = 3.3V±0.3V
1.5
SWITCHING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX UNIT
Propagation delay
from input D to output Q
tPLH/tPHL
(tPD)
VCC=2.7V, CL=50pF, RL=500Ω
7.8
ns
VCC=3.3±0.3V, CL=50pF, RL=500Ω
1.5
6.8
Propagation delay
from input LE to output Q
tPLH/tPHL
(tPD)
VCC=2.7V, CL=50pF, RL=500Ω
8.2
ns
VCC=3.3±0.3V, CL=50pF, RL=500Ω
2
7.6
Propagation delay
from input OE to output Q
tPZL/tPZH
(tEN)
VCC=2.7V, CL=50pF, RL=500Ω
8.7
ns
VCC=3.3±0.3V, CL=50pF, RL=500Ω
1.5
7.7
Propagation delay
from input OE to output Q
tPLZ/tPHZ
(tDIS)
VCC=2.7V, CL=50pF, RL=500Ω
7.6
ns
VCC=3.3±0.3V, CL=50pF, RL=500Ω
1.5
7
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
UNIT
Power Dissipation Capacitance
CPD
OE
= 0, f=10MHz, outputs enabled
46
pF
OE = 1, f=10MHz, outputs disabled
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com