Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4060BL-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UCD4060BL-S16-R
Description  CMOS 14-Stage Ripple-Carry Binary Counter/Divider
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4060BL-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UCD4060BL-S16-R Datasheet HTML 1Page - Unisonic Technologies UCD4060BL-S16-R Datasheet HTML 2Page - Unisonic Technologies UCD4060BL-S16-R Datasheet HTML 3Page - Unisonic Technologies UCD4060BL-S16-R Datasheet HTML 4Page - Unisonic Technologies UCD4060BL-S16-R Datasheet HTML 5Page - Unisonic Technologies UCD4060BL-S16-R Datasheet HTML 6Page - Unisonic Technologies UCD4060BL-S16-R Datasheet HTML 7Page - Unisonic Technologies UCD4060BL-S16-R Datasheet HTML 8Page - Unisonic Technologies UCD4060BL-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UCD4060B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-866.b
SWITCHING CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TPY
MAX
UNIT
RESET OPERATION
Propagation Delay Time
tPLH / tPHL
VDD=5V
180
360
ns
VDD=10V
80
160
VDD=15V
50
100
Minimum Reset Pulse Width
tWR
VDD=5V
60
120
ns
VDD=10V
30
60
VDD=15
20
40
RC OPERATION
Variation of Frequency
CX=200pF,
RS=560kΩ,
RX=50kΩ
VDD=5V
23±10%
kHz
VDD=10V
24±10%
VDD=15V
25±10%
Variation of Frequency with
voltage change
CX=200pF,
RS=560kΩ,
RX=50kΩ
VDD=5V~10V
1.5
kHz
VDD=10V~15V
0.5
RX max
CX=10Μf, VDD=5V
20
MΩ
CX=50μF, VDD=10V
20
CX=10μF, VDD=15V
10
CX max
RX=500kΩ, VDD=5V
1000
μF
RX=300kΩ, VDD=10V
50
RX=300kΩ, VDD=15V
50
Maximum Oscillator Frequency
CX=15pF,
RS=30kΩ,
RX=5kΩ
VDD=10V
530
650
810
kHz
VDD=15
690
800
940
Drive Current at Pin 9
IOL
VO=0.4V, VDD=5V
0.16
0.35
mA
VO=0.5V, VDD=10V
0.42
0.8
VO=1.5V, VDD=15
1
2
IOH
VO=4.6V, VDD=5V
-0.16
-0.35
mA
VO=9.5V, VDD=10V
-0.42
-0.8
VO=13.5V, VDD=15
-1
-2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com