Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4070BL-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCD4070BL-S14-R
Description  CMOS QUAD EXCLUSIVE-OR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4070BL-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCD4070BL-S14-R Datasheet HTML 1Page - Unisonic Technologies UCD4070BL-S14-R Datasheet HTML 2Page - Unisonic Technologies UCD4070BL-S14-R Datasheet HTML 3Page - Unisonic Technologies UCD4070BL-S14-R Datasheet HTML 4Page - Unisonic Technologies UCD4070BL-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCD4070B
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-880.b
CMOS QUAD EXCLUSIVE-OR
GATE
DESCRIPTION
The UCD4070B contains four independent 2-input Exclusive-OR
gates, they perform the function Y=A○
B in positive logic.
FEATURES
* High-Voltage Types(20V Rating)
* Quad Exclusive-OR Gate
* Standardized Symmetrical Output Characteristics
*100% Tested for Quiescent Current at 20V
* 5V,10V and 15V Parametric Ratings
*Maximum input current of 1uA at 18V Over Full Package
Temperature Range
- 100nA at 18V and 25°С
*Medium Speed Operation
-tPHL, tPLH=65ns(TYP) at VDD=10V,CL=50pF
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UCD4070BL-S14-R
UCD4070BG-S14-R
SOP-14
Tape Reel
UCD4070BL-S14-T
UCD4070BG-S14-T
SOP-14
Tube
UCD4070BL-P14-R
UCD4070BG-P14-R
TSSOP-14
Tape Reel
UCD4070BL-P14-T
UCD4070BG-P14-T
TSSOP-14
Tube


Similar Part No. - UCD4070BL-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4070BL-S14-R UTC-UCD4070BL-S14-R Datasheet
213Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
More results

Similar Description - UCD4070BL-S14-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
logo
Texas Instruments
CD4030B TI-CD4030B Datasheet
497Kb / 11P
CMOS QUAD EXCLUSIVE-OR GATE
CD4070B TI-CD4070B Datasheet
68Kb / 8P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Intersil Corporation
CD4030BMS INTERSIL-CD4030BMS Datasheet
59Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070BM96G4 TI-CD4070BM96G4 Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Texas Instruments
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
CMOS Quad Exclusive - OR Gate
logo
Renesas Technology Corp
CD4030BMS RENESAS-CD4030BMS Datasheet
304Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com